Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1055ACPZ-R7 Datasheet(PDF) 121 Page - Analog Devices

Part # ADP1055ACPZ-R7
Description  Digital Controller for Power Supply Applications with PMBus Interface
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1055ACPZ-R7 Datasheet(HTML) 121 Page - Analog Devices

Back Button ADP1055ACPZ-R7 Datasheet HTML 117Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 118Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 119Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 120Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 121Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 122Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 123Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 124Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 125Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 140 page
background image
Data Sheet
ADP1055
Rev. A | Page 121 of 140
Table 213. Register 0xFE65—VOUT_DROOP_SETTING
Bits
Bit Name
R/W
Description
7
Snubber selection
R/W
0 = falling edge of SRx is used to activate the snubber.
1 = falling edge of OUTC or OUTD is used to activate the snubber.
[6:3]
Reserved
R
Reserved.
2
Disable VOUT_
TRANSITION_RATE
R/W
1 = disable. The voltage reference immediately jumps to the value set by VOUT_COMMAND.
0 = enable. The output voltage changes from one value to another as programmed by the
VOUT_TRANSITION_RATE command.
[1:0]
VOUT_DROOP
sampling rate
R/W
For the purposes of VOUT_DROOP, IOUT is sampled at the following intervals:
00 = 7 bits = 82 μs.
01 = 8 bits = 164 μs.
10 = 9 bits = 327 μs.
11 = 10 bits = 655 μs.
Table 214. Register 0xFE66—NC_BURST_MODE (Requires Use of the GO Bit in Register 0xFE00)
Bits
Bit Name
R/W
Description
[7:6]
ADC threshold
R/W
Burst occurs if the ADC error exceeds the specified threshold.
00 = error threshold > |±1%| of 1 V (that is, 10 mV)
01 = error threshold > |±2%| of 1 V (that is, 20 mV)
10 = error threshold > |±3%| of 1 V (that is, 30 mV)
11 = error threshold > |±4%| of 1 V (that is, 40 mV)
[5:3]
Number of burst
cycles
R/W
Set to 0 for no burst
2
Enable burst in
LLM/DEM only
R/W
1 = burst in light load mode and diode emulation mode only (not in CCM)
0 = burst in any mode
[1:0]
Burst magnitude
R/W
Magnitude of burst in percentage of duty cycle that is added to the present duty cycle
00 = 6.25%
01 = 12.5%
10 = 25%
11 = 50%
Table 215. Register 0xFE67—HF_ADC_CONFIG
Bits
Bit Name
R/W
Description
[7:4]
HF ADC samples
R/W
These bits specify the number of samples taken by the flash ADC for loop regulation. The number
of samples ranges from 1 (Bits[7:4] = 0000) to 16 (Bits[7:4] = 1111). Following are suggested values
depending on the frequency range and whether double update rate is enabled.
Frequency Range (kHz)
Double Update Rate Enabled
Double Update Rate Disabled
fSW ≤ 250
1111 (16 samples)
1111 (16 samples)
250 < fSW ≤ 300
0111 (8 samples)
1111 (16 samples)
300 < fSW ≤ 724.638
0011 (4 samples)
1111 (16 samples)
724.638 < fSW ≤ 1000
0001 (2 samples)
0111 (8 samples)
[3:0]
Reserved
R/W
Set these bits to 000 for proper operation.
Table 216. Register 0xFE80—VS_TRIM
Bits
Bit Name
R/W
Description
7
Gain polarity
R/W
1 = negative gain is introduced.
0 = positive gain is introduced.
[6:0]
Gain trim
R/W
These bits set the amount of gain trim that is applied to the VS ADC reading. This register trims
the voltage at the VS± pins for external resistor tolerances. The VS trim must be performed before
the load OVP and load UVP trims are performed. The total range for these bits is ±6.25%. The
LSB = (6.25%)/128.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com