Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1055ACPZ-R7 Datasheet(PDF) 117 Page - Analog Devices

Part # ADP1055ACPZ-R7
Description  Digital Controller for Power Supply Applications with PMBus Interface
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1055ACPZ-R7 Datasheet(HTML) 117 Page - Analog Devices

Back Button ADP1055ACPZ-R7 Datasheet HTML 113Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 114Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 115Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 116Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 117Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 118Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 119Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 120Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 121Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 140 page
background image
Data Sheet
ADP1055
Rev. A | Page 117 of 140
Table 203. Register 0xFE5B—AUTO_GO_CMD
Bits
Bit Name
R/W
Description
[7:2]
Reserved
R
Reserved.
1
Frequency auto-go
enable
R/W
0 = GO_CMD, Bit 2 (Register 0xFE00) is required to latch the programmed frequency in
FREQUENCY_SWITCH into the internal loop frequency.
1 = write to FREQUENCY_SWITCH is automatically latched into the internal loop switching
frequency.
0
VREF auto-go enable
R/W
0 = GO_CMD, Bit 0 (Register 0xFE00) is required to latch the programmed reference voltage in
VOUT_COMMAND into the internal loop frequency.
1 = write to any commands affecting the reference voltage is automatically latched into the
internal loop reference voltage.
Commands that affect the reference voltage include VOUT_COMMAND, VOUT_MODE,
VOUT_MAX, VOUT_TRIM, VOUT_CAL_OFFSET, VOUT_SCALE_LOOP, and VOUT_DROOP.
Table 204. Register 0xFE5C—DIODE_EMULATION
Bits
Bit Name
R/W
Description
[7:5]
SR debounce
R/W
These bits delay the onset of LLM or CCM when the light load mode or deep light load mode
threshold is crossed. The device transitions from CCM to LLM based on the debounce time
specified using these bits and the light load mode threshold. The same is true when the device
transitions from LLM to CCM and is also valid for deep light load mode.
For example, if the device is in CCM and the load current step places the device in LLM, the
device physically enters LLM, that is, the SR outputs start phasing after the debounce time set by
these bits. The same debounce time delays the entry to DCM.
Entering deep light load mode is possible only if the ADP1055 is already in DCM (that is, the
device is already below the DCM threshold) and SR transitioning is finished.
Bit 7
Bit 6
Bit 5
Debounce Time (tSW)
0
0
0
0
0
0
1
64
0
1
0
128
0
1
1
256
1
0
0
512
1
0
1
768
1
1
0
1152
1
1
1
2048
[4:2]
Reserved
R
Reserved.
1
Diode emulation mode
R/W
0 = disable diode emulation mode (SR LLM and deep LLM are active if the thresholds are
correctly set).
1 = enable diode emulation mode (SR LLM setting is disabled. Only deep LLM is active if the
threshold is correctly set). Once the SR outputs are disabled upon a negative going zero crossing
transition, they are disabled for a period of 327 μs to 754 μs to ensure that the comparator is not
falsely triggered.
0
SR toggle rate in diode
emulation mode
R/W
0 = SR outputs toggle once in one tSW.
1 = SR outputs toggle twice in one tSW (recommended setting).
Table 205. Register 0xFE5D—CS2_CONST_CUR_MODE
Bits
Bit Name
R/W
Description
[7:6]
Reserved
R
Reserved.
[5:4]
Slew rate during CC mode
(turbo mode only)
R/W
00 = Nominal slew rate of (8 × 1.18) V/sec
Setting 00 provides 2x nominal at VS± pins in CC turbo mode
01 = 16×
10 = 24×
11 = 32×
3
CC mode thresholds polarity
R/W
0 = positive (% above OCP limit)
1 = negative (% below OCP limit)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com