Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1055ACPZ-R7 Datasheet(PDF) 113 Page - Analog Devices

Part # ADP1055ACPZ-R7
Description  Digital Controller for Power Supply Applications with PMBus Interface
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1055ACPZ-R7 Datasheet(HTML) 113 Page - Analog Devices

Back Button ADP1055ACPZ-R7 Datasheet HTML 109Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 110Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 111Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 112Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 113Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 114Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 115Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 116Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 117Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 140 page
background image
Data Sheet
ADP1055
Rev. A | Page 113 of 140
Bits
Bit Name
R/W
Description
[3:2]
VOUT_OV sampling
R/W
Bit 3
Bit 2
Sampling
0
0
One sample sets the VOUT_OV flag (80 μs sampling period)
0
1
Two consecutive samples that read a value greater than the one set in
VOUT_OV_FAULT_LIMIT set the VOUT_OV flag (160 μs sampling period)
1
0
Three consecutive samples that read a value greater than the one set in
VOUT_OV_FAULT_LIMIT set the VOUT_OV flag (240 μs sampling period)
1
1
Four consecutive samples that read a value greater than the one set in
VOUT_OV_FAULT_LIMIT set the VOUT_OV flag (320 μs sampling period)
[1:0]
Reserved
Reserved
Table 191. Register 0xFE4E—CS1_SETTING
Bits
Bit Name
R/W
Description
7
Reserved
R
Reserved.
[6:4]
CS1 fast OCP blanking
R/W
Set the CS1 fast OCP blanking time to 0 ns, 40 ns, 80 ns, 120 ns, 200 ns, 400 ns, 600 ns,
or 800 ns.
3
CS1 fast OCP bypass
R/W
Setting this bit means that the GPIO1 pin is used for CS1 fast OCP instead of the CS1 pin.
[2:0]
CS1 fast OCP timeout
R/W
Set the number of consecutive switching cycles with a CS1 OCP condition before the
IIN_OC_FAST_FAULT flag is set: 1, 4, 16, 128, 256, 384, 512, or 1024.
Table 192. Register 0xFE4F—CS2_SETTING
Bits
Bit Name
R/W
Description
7
CC turbo mode
R/W
Reduces the CS2 average time from 328 μs to 41 μs for CC mode.
[6:4]
CS2 fast OCP
timeout
R/W
Sets the number of consecutive switching cycles with a CS2 OCP condition before the
IOUT_OC_FAST_FAULT flag is set: 1, 4, 16, 128, 256, 384, 512, or 1024.
3
Peak constant
current mode
R/W
When this bit is set, CS2 fast OCP cycle-by-cycle protection on OUTA to OUTD is disabled. The CS2 fast
OCP timeout is still active.
2
Average constant
current disable
R/W
0 = average constant current mode is enabled/disabled, as defined by PMBus.
Threshold = IOUT_OC_FAULT_LIMIT.
ILIM = IOUT_OC_FAULT_LIMIT × (100 + percentage), where percentage and polarity are defined in
Register 0xFE5D[3:0]. The current fault response is PMBus compliant.
1 = average constant current mode is always on (not PMBus compliant).
Threshold = ILIM = IOUT_OC_FAULT_LIMIT × (100 ± percentage), where percentage and polarity are
defined in Register 0xFE5D[3:0].
Current fault response defaults to these settings (Response Bits[7:6]).
00 = ignore fault.
01 = ignore fault.
10 = ignore fault.
11 = shut down, disable the output, and respond as programmed in retry setting (Bits[5:3]).
[1:0]
CS2 range
R/W
Sets the CS2 ADC range.
Bit 1
Bit 0
ADC Range (mV)
0
0
30 (low-side sensing)
0
1
60 (low-side sensing)
1
0
480 (high-side sensing)
1
1
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com