Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1055ACPZ-R7 Datasheet(PDF) 111 Page - Analog Devices

Part # ADP1055ACPZ-R7
Description  Digital Controller for Power Supply Applications with PMBus Interface
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1055ACPZ-R7 Datasheet(HTML) 111 Page - Analog Devices

Back Button ADP1055ACPZ-R7 Datasheet HTML 107Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 108Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 109Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 110Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 111Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 112Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 113Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 114Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 115Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 140 page
background image
Data Sheet
ADP1055
Rev. A | Page 111 of 140
Table 186. Register 0xFE49—PWM_DISABLE_SETTING
Bits
Bit Name
R/W
Description
[7:6]
Reserved
R
Reserved.
5
SR2 disable
R/W
Setting this bit disables the SR2 output.
4
SR1 disable
R/W
Setting this bit disables the SR1 output.
3
OUTD disable
R/W
Setting this bit disables the OUTD output.
2
OUTC disable
R/W
Setting this bit disables the OUTC output.
1
OUTB disable
R/W
Setting this bit disables the OUTB output.
0
OUTA disable
R/W
Setting this bit disables the OUTA output.
Table 187. Register 0xFE4A—FILTER_TRANSITION (Requires Use of the GO Bit in Register 0xFE00)
Bits
Bit Name
R/W
Description
7
Overshoot
protection
R/W
0 = disable setpoint reference tracking.
1 = enable setpoint reference tracking (see the Integrator Windup and Output Voltage Regulation
Loss (Overshoot Protection) section).
6
Overshoot speed
R/W
0 = if VOUT is out of regulation for 96 out of 128 switching cycles, the reference moves to the last
known value of VOUT (9-bit precision) and tries to return to regulation at a controlled rate given by
the VOUT_TRANSITION_RATE command.
1 = if VOUT is out of regulation for 48 out of 64 switching cycles, VREF tracks VOUT (9-bit precision).
Double update rate affects this register.
[5:3]
HF ADC
configuration
R/W
000 = autocorrection loop disabled.
001 = autocorrection loop bandwidth set to approximately 9 Hz.
010 = autocorrection loop bandwidth set to approximately 19 Hz.
011 = autocorrection loop bandwidth set to approximately 37 Hz.
100 = autocorrection loop bandwidth set to approximately 75 Hz.
101 = autocorrection loop bandwidth set to approximately 150 Hz.
110 = autocorrection loop bandwidth set to approximately 300 Hz.
111 = autocorrection loop bandwidth set to approximately 600 Hz.
2
Enable soft transition
R/W
Enables soft transition between filter settings to minimize output transients. All four parameters of
each filter are linearly transitioned to the new value.
[1:0]
Transition speed
R/W
The filter changes in 32 steps, with one step applied at the interval specified by these bits.
Bit 1
Bit 0
Speed
0
0
32 × tSW (total transition time = 32 × 32 × tSW = 1024 × tSW)
0
1
8 × tSW (total transition time = 8 × 32 = 256 × tSW)
1
0
2 × tSW (total = 64 × tSW)
1
1
1 × tSW (total = 32 × tSW)
Table 188. Register 0xFE4B—DEEP_LLM_SETTING
Bits
Bit Name
R/W
Description
[7:5]
Deep LLM thresholds
R/W
These bits set the load current limit on the CS2 ADC below which SR1 and SR2 enter deep light
load mode. The averaging time, debounce, and hysteresis are programmed in Register 0xFE4B.
SR outputs are always off in pulse skip mode.
Bit 7
Bit 6
Bit 5
Thresholds (LSBs)
0
0
0
0
0
0
1
4
0
1
0
8
0
1
1
12
1
0
0
16
1
0
1
20
1
1
0
24
1
1
1
28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com