Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1055ACPZ-R7 Datasheet(PDF) 114 Page - Analog Devices

Part # ADP1055ACPZ-R7
Description  Digital Controller for Power Supply Applications with PMBus Interface
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1055ACPZ-R7 Datasheet(HTML) 114 Page - Analog Devices

Back Button ADP1055ACPZ-R7 Datasheet HTML 110Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 111Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 112Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 113Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 114Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 115Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 116Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 117Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 118Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 140 page
background image
ADP1055
Data Sheet
Rev. A | Page 114 of 140
Table 193. Register 0xFE50—PULSE_SKIP_AND_SHUTDOWN
Bits
Bit Name
R/W
Description
[7:6]
Addition PS on time after
end of soft stop ramp
R/W
To allow any negative current to dissipate, PWM outputs such as the SR outputs are kept active
after the soft stop ramp-down.
Bit 7
Bit 6
LSBs
0
0
No additional on time at the end of soft stop. All PWM outputs are shut off
immediately at end of ramp. The SR PWM outputs continue to increase their
modulation limit and completely turn on for the entire switching cycle after
the maximum limit is reached.
0
1
2 ms of extra on time.
1
0
4 ms of extra on time.
1
1
8 ms of extra on time.
5
Instant SR transition
R/W
1 = SR outputs move from LLM to normal mode instantly.
0 = SR outputs transition from one mode to another (LLM to CCM or CCM to LLM) at the phase-in
speed (recommended).
4
Pulse killer mode
R/W
Register 0xFE50[0] kills all PWM outputs that are modulated. However, this bit kills all PWM
outputs whether modulated or not (useful for FBPS topology where there are two fixed duty
cycle PWM outputs).
1 = kill all PWM outputs during pulse skip.
0 = do not kill all PWM outputs during pulse skip.
3
End-of-cycle shutdown
R/W
0 = all PWM outputs are disabled immediately on a shutdown condition.
1 = all PWM outputs are disabled at the end of the switching cycle on a shutdown condition.
2
Soft stop pulse skipping
enable
R/W
If set, allow pulse skipping during soft stop (regardless of value of Bit 1). However, SR1 and SR2
never pulse skip during soft stop.
1
Pulse skipping enable
R/W
0 = disable.
1 = enable.
0
Pulse skipping zero PWM
R/W
0 = pulse skipping drives all modulated PWM outputs to 0 V.
1 = sets all modulated edges to t = 0.
Table 194. Register 0xFE51—SOFT_START_SETTING
Bits
Bit Name
R/W
Description
7
Soft stop enable for
current faults
R/W
0 = disable soft stop on a current fault.
1 = enable soft stop on a current fault.
6
Soft stop enable for other
faults
R/W
0 = disable soft stop on a voltage fault.
1 = enable soft stop on a voltage and other fault.
[5:3]
SR phase-in speed up
factor during soft stop
R/W
During the soft stop process, these bits increase the SR edge transitioning speed that is
specified by Register 0xFE5F[7:4]. The speed-up factor is 2x where x is this 3-bit number. The
maximum speed of the SR edge is 40 ns per tSW.
For example, if Register 0xFE5F specifies 5 ns per 4 tSW, setting these three bits to 2 increases
the SR speed to 5 ns per tSW (5 ns/4tSW × 22). Setting these bits to 3 increases the SR speed to
10 ns per tSW (5 ns/4tSW × 23). Setting these bits to 7 increases the SR speed to 40 ns per tSW (the
maximum rate). A smaller value means slower SR transitioning.
2
Force soft start filter
R/W
1 = soft start filter is used regardless of whether the low temperature filter is active or not.
1
Disable light load filter
during soft start
R/W
0 = allow switching to DCM filter during soft start.
1 = never switch to DCM filter during soft start.
0
Soft start from precharge
R/W
Setting this bit to 1 enables the soft start from precharge function. When this function is
enabled, the soft start ramp starts from the last known value of the voltage detected on VS±.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com