Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1055ACPZ-R7 Datasheet(PDF) 123 Page - Analog Devices

Part # ADP1055ACPZ-R7
Description  Digital Controller for Power Supply Applications with PMBus Interface
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1055ACPZ-R7 Datasheet(HTML) 123 Page - Analog Devices

Back Button ADP1055ACPZ-R7 Datasheet HTML 119Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 120Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 121Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 122Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 123Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 124Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 125Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 126Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 127Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 140 page
background image
Data Sheet
ADP1055
Rev. A | Page 123 of 140
Table 226. Register 0xFE8F—FAULT_TEMPERATURE
Bits
Bit Name
R/W
Description
[7:0]
FAULT_TEMPERATURE
R
Unlatched fault conditions after debounce (see STATUS_TEMPERATURE for latched version)
Table 227. Register 0xFE90—FAULT_CML
Bits
Bit Name
R/W
Description
[7:0]
FAULT_CML
R
Unlatched fault conditions after debounce (see STATUS_CML for latched version)
Table 228. Register 0xFE91—FAULT_OTHER
Bits
Bit Name
R/W
Description
[7:0]
FAULT_OTHER
R
Unlatched fault conditions after debounce (see STATUS_OTHER for latched version)
Table 229. Register 0xFE92—FAULT_MFR_SPECIFIC
Bits
Bit Name
R/W
Description
[7:0]
FAULT_MFR_SPECIFIC
R
Unlatched fault conditions after debounce (see STATUS_MFR_SPECIFIC for latched version)
Table 230. Register 0xFE93—FAULT_UNKNOWN
Bits
Bit Name
R/W
Description
[15:0]
FAULT_UNKNOWN
R
Unlatched fault conditions after debounce (see STATUS_UNKNOWN for latched version)
Table 231. Register 0xFE94—STATUS_UNKNOWN
Bits
Bit Name
R/W
Description
15
EEPROM unlocked
R/W
The EEPROM is unlocked.
14
Adaptive dead time
R/W
Adaptive dead time threshold has been crossed.
13
Soft start filter
R/W
The soft start filter is in use.
12
Soft start ramp
or soft stop ramp
R/W
The reference is being ramped up (soft start) or ramped down (soft stop).
11
Modulation limit
R/W
Modulation is at its minimum or maximum limit.
10
Volt-second and
duty balance limit
R/W
Volt-second balance or duty balance at is the maximum/minimum limit.
9
Light load mode
R/W
The device is in light load mode.
8
Constant current
R/W
Power supply is operating in constant current mode (constant current mode is enabled).
7
PGOOD2 fault
R/W
PGOOD2 fault. At least one of the flags listed in Register 0xFE45 has been set (see Table 182).
6
PGOOD1 fault
R/W
PGOOD1 fault. At least one of the flags listed in Register 0xFE44 has been set (see Table 181).
5
Sync unlock
R/W
Sync mode is enabled, but unit not locked to sync input frequency.
4
SR off
R/W
Synchronous rectifiers SR1 and SR2 are disabled. This flag is set when one of the following cases
is true: SR1 and SR2 are disabled by the user; the load current has fallen below the threshold in
Register 0xFE4B[7:5]; a fault has been set that was configured to disable the synchronous
rectifiers; or SR outputs are blanked during soft start and during a pulse skip condition.
3
Address warning
R/W
I2C/PMBus address warning. ADD resistor value out-of-range.
2
VCORE OV
R/W
2.5 V VCORE is above limit. Action is set to immediate shutdown.
1
VDD OV
R/W
VDD is above limit. The I2C interface stays functional, but a unit power-off/power-on sequence
is required to restart the power supply. The response to a VDD overvoltage is programmable in
Register 0xFE4D[6].
0
VDD UV
R/W
VDD is below limit. The response to a VDD undervoltage immediate shutdown.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com