Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIFE32251B-R68MS Datasheet(PDF) 122 Page - Texas Instruments

Part # PIFE32251B-R68MS
Description  Simple and Flexible Wide Input Voltage PMU for Mobile Computers
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PIFE32251B-R68MS Datasheet(HTML) 122 Page - Texas Instruments

Back Button PIFE32251B-R68MS Datasheet HTML 118Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 119Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 120Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 121Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 122Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 123Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 124Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 125Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 126Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 157 page
background image
122
TPS650830
SLVSCF4A – DECEMBER 2014 – REVISED JULY 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: TPS650830
Detailed Description
Copyright © 2014–2016, Texas Instruments Incorporated
6.6.1.56 MISC_BITS Register (address = 0xE9) [reset = 00010000]
Figure 6-78. MISC_BITS Register Format
B7
B6
B5
B4
B3
B2
B1
B0
V13_PIN_OVR
MV13EN
V6_PIN_OVR
MV6EN
msLP_S3ZPG
msLP_SUSZP
G
BC_ACOK_EN
V13DISCHG
0
0
0
0
0
0
1
0
RW
RW
RW
RW
RW
RW
RW
RW
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 6-59. MISC_BITS Register Field Descriptions
Bit
Field
Type
Reset
Description
7
V13_PIN_OVR
RW
0
V13 ENABLE PIN Over Ride
0: V13 is OFF if MV13EN is '1'
1: V13 is ON if MV13EN is '1'
6
MV13EN
RW
0
V13 Enable Pin Mask
0: DDR_VT_CTRL Pin controls V13
1: V13_EN_PIN Bit [Bit(3)] controls V13
5
V6_PIN_OVR
RW
0
V6 ENABLE PIN Over Ride
0: V6 Pin controls V6
1: V6 is ON if VREN PIN MASK = '0'
4
MV6EN
RW
1
V6 Enable Pin Mask
0: VR Enable Pin controls VR enable
1: VR Enable Pin masked V*CTLV controls VR enable
3
msLP_S3ZPG
RW
0
SLP_S3Z is part of the power good tree
0: SLP_S3Z is part of Power Good Tree
1: SLP_S3Z is masked and set to 1 (not part of the Power Good
tree)
2
msLP_SUSZPG
RW
0
SLP_SUSZ is part of the power good tree
0: SLP_SUSZ is part of Power Good Tree
1: SLP_SUSZ is masked and set to 1 (not part of the Power
Good tree)
1
BC_ACOK_EN
RW
1
Enables BC_ACOK output out of LVA pin. The in put is ACOK
pin, instead of ENLVA pin.
0: LVA pin is not BC_ACOK, and ENLVA is the input for LVA
output, behaving as a general purpose level-shifter.
1: LVA pin is BC_ACOK, and ACOK is the input, and ENLVA is
not functional. BC_ACOK is a level-shifted version of ACOK.
0
V13DISCHG
RW
0
V0.6DX discharge resistance (V13)
0: No discharge
1: 100 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com