Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIFE32251B-R68MS Datasheet(PDF) 123 Page - Texas Instruments

Part # PIFE32251B-R68MS
Description  Simple and Flexible Wide Input Voltage PMU for Mobile Computers
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PIFE32251B-R68MS Datasheet(HTML) 123 Page - Texas Instruments

Back Button PIFE32251B-R68MS Datasheet HTML 119Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 120Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 121Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 122Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 123Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 124Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 125Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 126Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 127Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 157 page
background image
123
TPS650830
www.ti.com
SLVSCF4A – DECEMBER 2014 – REVISED JULY 2016
Submit Documentation Feedback
Product Folder Links: TPS650830
Detailed Description
Copyright © 2014–2016, Texas Instruments Incorporated
6.6.1.57 STDBY_CTRL Register (address = 0xEA) [reset = 11111110]
Figure 6-79. STDBY_CTRL Register Format
B7
B6
B5
B4
B3
B2
B1
B0
RESERVED_S
TDBY_CTRL[4]
RESERVED_S
TDBY_CTRL[3]
RESERVED_S
TDBY_CTRL[2]
RESERVED_S
TDBY_CTRL[1]
RESERVED_S
TDBY_CTRL[0]
EN_VCOMP_1
0U
VCOMPEN
QLSLPS0_ACT
IVE
1
1
1
1
1
1
1
0
R
R
R
R
R
RW
RW
RW
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 6-60. STDBY_CTRL Register Field Descriptions
Bit
Field
Type
Reset
Description
7:3
RESERVED_STDBY_CTRL[4:0]
R
11111
Read Always Returns '1'
2
EN_VCOMP_10U
RW
1
VCOMP Current Source Control bit:
0: Disable
1: Enable
1
VCOMPEN
RW
1
VCOMP Enable Control bit:
0: Disable
1: Enable
0
QLSLPS0_ACTIVE
RW
0
SLP_S0 & DDR_VTT_CTRL Detect logic Control
0: Normal Operation DELAY_ALL_SYS_PG is used in
QSTANDBY# (SLP_S0#)
1: DELAY_ALL_SYS_PG is ignored for QSTANDBY#
(SLP_S0#)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com