Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIFE32251B-R68MS Datasheet(PDF) 127 Page - Texas Instruments

Part # PIFE32251B-R68MS
Description  Simple and Flexible Wide Input Voltage PMU for Mobile Computers
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PIFE32251B-R68MS Datasheet(HTML) 127 Page - Texas Instruments

Back Button PIFE32251B-R68MS Datasheet HTML 123Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 124Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 125Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 126Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 127Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 128Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 129Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 130Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 131Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 157 page
background image
127
TPS650830
www.ti.com
SLVSCF4A – DECEMBER 2014 – REVISED JULY 2016
Submit Documentation Feedback
Product Folder Links: TPS650830
Application and Implementation
Copyright © 2014–2016, Texas Instruments Incorporated
7
Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
7.1
Application Information
The TPS65083x can be used in several different applications from computing, industrial interfacing and
much more. This section describes the general application information and provides more detailed
description on the TPS65083x powering the Intel SkyLake and Kabylake system.
7.2
Typical Application
The TPS65083x can be used in any system that needs multiple voltage rails. A DC supply voltage in
between 5.4 V and 21 V is required. If the supply voltage is less than this range then a small boost can be
added to supply the VIN and VINLDO3.
Along with the 5 DCDCs and 1 LDO, the TPS65083x has 8 general purpose comparators, 2 level shifters,
board temperature monitoring system and 3 power path comparators. Latter 2 can be used as simple
comparators if desired increasing the total comparators available for use to 12 on the TPS65083x.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com