Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIFE32251B-R68MS Datasheet(PDF) 130 Page - Texas Instruments

Part # PIFE32251B-R68MS
Description  Simple and Flexible Wide Input Voltage PMU for Mobile Computers
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PIFE32251B-R68MS Datasheet(HTML) 130 Page - Texas Instruments

Back Button PIFE32251B-R68MS Datasheet HTML 126Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 127Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 128Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 129Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 130Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 131Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 132Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 133Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 134Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 157 page
background image
+.I=T = +KQPI=T +
J:8+0 F 8176; × 8176
2 ×
8+0 × B59 × . K
130
TPS650830
SLVSCF4A – DECEMBER 2014 – REVISED JULY 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: TPS650830
Application and Implementation
Copyright © 2014–2016, Texas Instruments Incorporated
With the chosen inductance value, the peak current for the inductor in steady state operation, ILmax, can be
calculated using the equation below. The rated saturation current of the inductor must be higher than the
ILmax current.
(2)
Following these equations the preferred inductor selected for the controllers are listed below in Table 7-1.
Table 7-1. Recommended Inductors
MANUFACTURER
PART NUMBER
VALUE
SIZE
HEIGHT
Cyntec
PIME031B
0.47 µH - 1 µH
3.3 mm x 3.7 mm
1.2 mm
Cyntec
PIMB041B
0.33 µH - 2.2 µH
4.45 mm x 4.75 mm
1.2 mm
Cyntec
PIMB051B
1 µH - 3.3 µH
5.4 mm x 5.75 mm
1.2 mm
Cyntec
PIME051E
0.33 µH - 4.7 µH
5.4 mm x 5.75 mm
1.5 mm
Cyntec
PIMB051H
0.47 µH - 4.7 µH
5.4 mm x 5.75 mm
1.8 mm
Cyntec
PIME061B
0.56 µH - 3.3 µH
6.8 mm x 7.3 mm
1.2 mm
Cyntec
PIME061E
0.33 µH - 4.7 µH
6.8 mm x 7.3 mm
1.5 mm
Cyntec
PIMB061H
0.1 µH - 4.7 µH
6.8 mm x 7.3 mm
1.8 mm
7.2.2.1.2 Selecting the Output Capacitors
Ceramic capacitors with low ESR values provide the lowest output voltage ripple and are recommended.
The output capacitor requires either an X7R or X5R dielectric. Y5V and Z5U dielectric capacitors, aside
from their wide variation in capacitance over temperature, become resistive at high frequencies.
At light load currents, the converter operates in Power Save Mode and the output voltage ripple is
dependent on the output capacitor value and the PFM peak inductor current. Higher output capacitor
values minimize the voltage ripple in PFM Mode. In order to achieve specified regulation performance and
low output voltage ripple, the DC-bias characteristic of ceramic capacitors must be considered. The
effective capacitance of ceramic capacitors drops with increasing DC bias voltage.
For the output capacitors of the DCDC controller the use of a small ceramic capacitors placed as close as
possible to the inductor and the respective PGND pins of the IC is recommended. This solution typically,
provides the smallest and lowest cost solution available for DCAP2 controllers.
7.2.2.1.3 Selecting the FETs
This controller is designed to drive NMOS FETs. Typically, the lower RDSon for the high and low side FETs
the better but, be sure to size the FETs, inductor and output capacitors appropriately as the RDSon for the
low side FET decreases, the minimum current limit increases. The Texas Instruments CSD87381P is
recommended for the controllers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com