Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIFE32251B-R68MS Datasheet(PDF) 134 Page - Texas Instruments

Part # PIFE32251B-R68MS
Description  Simple and Flexible Wide Input Voltage PMU for Mobile Computers
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PIFE32251B-R68MS Datasheet(HTML) 134 Page - Texas Instruments

Back Button PIFE32251B-R68MS Datasheet HTML 130Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 131Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 132Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 133Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 134Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 135Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 136Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 137Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 138Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 157 page
background image
RT1
RT2
RT3
RT4
VCOMP Pin
+
±
VREF = 1.25V
100k
TRIPZ Pin
10µA
Copyright © 2016, Texas Instruments Incorporated
134
TPS650830
SLVSCF4A – DECEMBER 2014 – REVISED JULY 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: TPS650830
Application and Implementation
Copyright © 2014–2016, Texas Instruments Incorporated
7.2.2.2.3 Selecting the Input Capacitors
Because of the nature of the switching converter and controller with a pulsating input current, a low ESR
input capacitor is required for best input voltage filtering and minimizing the interference with other circuits
caused by high input voltage spikes. For the controller, 12 µF of input capacitance is recommended for
most applications. To achieve the low ESR requirement, a ceramic capacitor is recommended. However,
the voltage rating and DC bias characteristic of ceramic capacitors need to be considered. The input
capacitor can be increased without any limit for better input voltage filtering. Be sure to size the ceramic
capacitor to achieve the recommended input capacitance. A ceramic capacitor placed as close as possible
to the respective VINx and PGNDx pins of the IC is recommended.
The preferred capacitors for the controllers are two muRata GRM21BR61E106MA73: 10 μF, 0805, 25 V,
±20% or similar.
7.2.2.3
LDO Design Procedure
The LDO must handle the fast load transients from the DDR memory for termination. Therefore, it is
important to maintain a high amount of capacitance with low ESR on the LDO outputs and inputs. Ceramic
capacitors are ideal for this. Below is the recommended capacitors.
The preferred output capacitor for the LDO is muRata GRM188R60J476M: 47 μF, 0603, 6.3 V, ±20% or
similar.
The preferred input capacitor for the LDO is muRata GRM155R60J106ME44: 10 μF, 0402, 6.3 V, ±20% or
similar.
7.2.2.4
Board Temperature Monitoring Design Procedure
Board temperature monitoring requires only 1 thermistor if only 1 sense point is desired. It can be scaled
by adding as many thermistors as sense points desired. Simply connect a PTC thermistor that has an
exponential coefficient curve from the VCOMP pin to GND and a pull up to desired voltage source on the
TRIPZ pin. Place thermistor where desired. If multiple sense points are desired string the thermistors
together in a series connection while placing the thermistors where desired.
Figure 7-5. Board Temperature Monitoring Circuit Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com