Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIFE32251B-R68MS Datasheet(PDF) 135 Page - Texas Instruments

Part # PIFE32251B-R68MS
Description  Simple and Flexible Wide Input Voltage PMU for Mobile Computers
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PIFE32251B-R68MS Datasheet(HTML) 135 Page - Texas Instruments

Back Button PIFE32251B-R68MS Datasheet HTML 131Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 132Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 133Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 134Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 135Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 136Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 137Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 138Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 139Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 157 page
background image
4
1 =
4
2 ×
l
8
+0
8
6DNAO DKH@ F
1
p
TPS65083x
R1a
R2a
R2b
R1b
R1c
R2c
Adaptor
Battery 1
Battery 2
Pull Up
Pull Up
Pull Up
ACOUT
BAT1OUT
BAT2OUT
ACIN
BAT1IN
BAT2IN
VINPP
Copyright © 2016, Texas Instruments Incorporated
135
TPS650830
www.ti.com
SLVSCF4A – DECEMBER 2014 – REVISED JULY 2016
Submit Documentation Feedback
Product Folder Links: TPS650830
Application and Implementation
Copyright © 2014–2016, Texas Instruments Incorporated
The thermistors should have low room and mid temperature resistances in the range of 1 kΩ to 10 kΩ.
The hot point resistance should be roughly 10x mid temperature resistance in the range of 100 kΩ to 200
kΩ. There is an internal 10-µA current source that provides a voltage across the thermistors. Once this
voltage exceeds the comparator threshold of 1.25 V the TRIPZ pin switches to LOW indicating a HOT
board temperature. Therefore, the resistance required for HOT board temperature is 125 kΩ. Select
thermistors that align this resistance with the desired HOT temperature setpoint.
The recommended thermistors for this feature is the muRata PRF15BG102RB6RC.
7.2.2.5
Power Path Design Procedure
The TPS65083x has power path comparators and outputs to control the power path switches. Simply
connect a voltage divider to the adaptor and batteries to set the threshold to the desired value. The
outputs of the comparators require a pull up since they are open-drain outputs. In-order for the power path
comparators to work without VIN supplied connect the VINPP to the power rails that are being monitored
by using a diode to select the highest voltage among the sources.
Figure 7-6. Power Path Comparators and VINPP Supply
Example:
Desired is to measure a battery and an adaptor to decide when to switch over from battery to adaptor. The
voltages desired for thresholds are 9 V and 6 V respectively. Using Equation 8 the resistors required to set
the 9-V threshold are R1a = and R2a = . The resistors required to set the 6-V threshold are R1b = and
R2b = .
(8)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com