Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIFE32251B-R68MS Datasheet(PDF) 136 Page - Texas Instruments

Part # PIFE32251B-R68MS
Description  Simple and Flexible Wide Input Voltage PMU for Mobile Computers
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PIFE32251B-R68MS Datasheet(HTML) 136 Page - Texas Instruments

Back Button PIFE32251B-R68MS Datasheet HTML 132Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 133Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 134Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 135Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 136Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 137Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 138Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 139Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 140Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 157 page
background image
Iout (A)
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0 6.5
0
10
20
30
40
50
60
70
80
90
100
D001
Vin=5.40V
Vin=8.70V
Vin=15.00V
Vin=24.00V
Iout (A)
0
1
2
3
4
5
6
7
0
10
20
30
40
50
60
70
80
90
100
D001
Vin=5.40V
Vin=8.70V
Vin=13.50V
Vin=24.00V
Iout (A)
0
1
2
3
4
5
6
7
0
10
20
30
40
50
60
70
80
90
100
D001
Vin=5.40V
Vin=8.70V
Vin=15.00V
Vin=24.00V
Iout (A)
0.0
0.5
1.0
1.5
2.0
2.5
0
10
20
30
40
50
60
70
80
90
100
D001
Vin=2.97V
Vin=3.30V
Vin=3.63V
136
TPS650830
SLVSCF4A – DECEMBER 2014 – REVISED JULY 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: TPS650830
Application and Implementation
Copyright © 2014–2016, Texas Instruments Incorporated
7.2.3
Application Performance Curves
Table 7-3. Application Curves Overview
TYPE
DESCRIPTION AND ASSUMPTIONS
FIGURE NUMBER
Efficiency VR1
Using CSD87381P FET Block, PIME051H-1R0MS,
3 x GRM31CR60G227ME11 + 1 x GRM21BR60J107M, NDVCZ = HIGH, Vout = 1 V
Figure 7-7
Efficiency VR2
Using PIFE32251B-R68MS,
4 x ZRB18AR60G476ME01, NDVCZ = HIGH, Vout = 1.8 V
Figure 7-8
Efficiency VR3
Using CSD87381P FET Block, PIMB061H-1R5MS,
3 x GRM21BR60J107M , NDVCZ = HIGH, Vout = 3.3 V
Figure 7-9
Efficiency VR4
Using CSD87381P FET Block, PIME051H-1R0MS,
2 x GRM31CR60G227ME11 + 1 x GRM21BR60J107M, NDVCZ = HIGH, Vout = 1.2 V
Figure 7-10
Efficiency VR5
Using CSD87381P FET Block, PIMB051H-3R3MS,
11 x GRM21BR61A476ME15, NDVCZ = HIGH, Vout = 5 V
Figure 7-11
spacing
Figure 7-7. Typical Efficiency for VR1
Figure 7-8. Typical Efficiency for VR2
Figure 7-9. Typical Efficiency for VR3
Figure 7-10. Typical Efficiency for VR4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com