Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIFE32251B-R68MS Datasheet(PDF) 138 Page - Texas Instruments

Part # PIFE32251B-R68MS
Description  Simple and Flexible Wide Input Voltage PMU for Mobile Computers
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PIFE32251B-R68MS Datasheet(HTML) 138 Page - Texas Instruments

Back Button PIFE32251B-R68MS Datasheet HTML 134Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 135Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 136Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 137Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 138Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 139Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 140Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 141Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 142Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 157 page
background image
FROM EC
VDC
LEGEND
TTL = TTL LEVEL INPUT BUFFER
3L
= 3 LEVEL (HI/LO/HI-Z) INPUT BUFFER
PP = PUSH-PULL OUTPUT BUFFER
PPB = PUSH PULL OUTPUT BUFFER WITH
HI-Z MODE (TEST ONLY)
OD = OPEN DRAIN OUTPUT BUFFER
TR = PUSH-PULL WITH CONTROLLED Tr
OD/PP = OPEN-DRAIN OR PUSH PULL
AGND
PGNDVR3
AGND
PGNDVR2
PGNDVR3
GROUND PLANE
PGNDVR4
PGNDVR5
PGNDVR1
VDC
VDC
AGND
VDC
AGND
V5ADS3
V12U
PGNDLDO1
AGND
V33A_DSW
VDC
V100A
PGNDLDO1
AGND
V33A_DSW
V18A
V100S
V085A
VCCIO(V0975)
VCCIOLSW
VCCIOLSW
VCCIO(V0975)
V1.8S_PG
V33S
V33APCH
V33APCHLSW
V33APCHLSW
V18S
V33APCH_PG
V18U25ULSW
V100S_PG
V33APCH
V18U25U
V33S
V100S
V5ADS3_PG
V5ADS3_PG
SLP_S4Z
VR1_PG
SLP_S3Z
V33APCH_PG
SLP_SUSZ
SLP_S4Z
DDR_VTT_CTRL
V18S
V18U25U
V18U25ULSW
SLP_S3Z
SLP_S3Z
SLP_S3Z
VLDO3
VLDO5
VLDO3
V33ADSW_PG
V18A_PG
VLDO5
VLDO5
VLDO3
VLDO5
VLDO5
V12U_PG
V18A_EN/
DPWROK
PGNDVR4
PGNDVR5
PGNDVR1
PGNDVR2
V12U_PG & V100S_PG
DDRID
VOLUME #1 Application
Block Diagram:
V12(V085A) = No Load Sw,
V11 (V1.00A) = No Load Sw
SLP_S0Z
LS_OUTB
V9,V4,V33S PGOOD
DO NOT HAVE PINS!
SLP_SUSZ
TH_HOTZ
V33A_DSW
V33A_DSW
BCACOK
V33A_DSW
V100S
V5A_DS3
V5ADS3_PG
EC
VDC
V33A_DSW
V100S_PG
V12U_PG
V33A_DSW
(EC_VCC)
THERMs
All Pullup Resistors 100kohm, unless noted
50ohm
Rpull-up Shared
with V12U_PG
V33A_DSW
Rpull-up Shared with
V100S_PG
LDO3
LS_INB
LS_INC
LS_OUTC
COMPOUT_C
COMPEN_C
COMPIN_C
V33A_DSW
VR2
Converter
Vout range
1.76v-1.85v
Vout 1.8V
2A max
SWVR3
PGNDVR3
VBSTVR3
FBVR3P
DRVHVR3
DRVLVR3
PG
PG
AGND [4]
UVLO
OTP
DIGCORE
I2C AND
REGFILE
VDDIO [2X]
DFT AND
AMUX
PGA
PGB
PGC
PGD
SWVR5
PGNDVR5
VBSTVR5
FBVR5P
DRVHVR5
DRVLVR5
ILIMVR5HS
VINVR5
EN/
PGOOD
LOGIC
LDO1
SINK/SRC LDO
V0.6DX/0.675DX
/0.55DX
Vout= (VR4)/2
1A max
EN
VOUTLDO1[2X]
FBLDO1
VINDLO1S
PGNDLDO1[2X]
DDR_VTT_CTRL
VINLDO1[2X]
EN
LOGIC
BACKUP
BATTERY
SELECTOR
VBATTBKUP
V3P3A_RTC
RTC
DIG
DIETEMP
FBVR3N
VR4
Controller
Vout Range
1.056V-
1.391V
Vout 1.2V/
1.35V/1.1V
DRVLVR4
VBSTVR4
FBVR4P
SWVR4
PGNDVR4
ILIMVR4
VREGVR4
FBVR4N
VINLDO3
LDO5V
VREF1V25
EN3V3SW
LDO3V
REFSYS
VIN
EN
VSET
EN
VSET
EN
VSET
EN/
PGOOD
LOGIC
PG
EN
VSET
VDDIO
3 L
TEMP_ALERTZ
ENVR3
ENVR4
FBVR5N
ENVR5
OD
VDDPG
OD/PP
PGVR1
EN/
PGOOD
LOGIC
SWVR1
PGNDVR1
VBSTVR1
FBVR1P
DRVHVR1
DRVLVR1
PG
ILIMVR1
VREGVR1
EN
VSET
FBVR1N
ENVR1
VDDIO
PGVR5
EN/
PGOOD
LOGIC
EN/
PGOOD
LOGIC
VDDIO
TTL
VDDIO
TTL
VDDIO
TTL
ENVR2
VDDIO
TTL
VDDIO
TTL
SEQ
+
INTEL
AND
OEM
LOGIC
SW
VDDIO
PP
VR5
Controller
Vout range
4.9v-5.1v
Vout 5V
VR1
Controller
Vout range
0.95v-1.05v
Vout 1.00V
VR3
Controller
Vout range
3.23v-3.34v
Vout 3.3V
VDDIO
PGVR2
DDRID
DRVHVR4
V33ARTC
VDDIO
PGVR4
VSA
VDDIO
VDDIO
TTL
VDDPG
PP
VSB
VSC
VSD
VSE
ENA
ENB
ENC
END
ENE
ENF
ENG
PGA
PGB
PGC
PGD
PGE
PGF
PGG
POWER MONITOR
VINVR2 [2X]
SWVR2 [2X]
PGNDVR2 [2X]
FBVR2P
FBVR2N
VREGVR2
VSF
VSG
PPATH
LOGIC
TTL
DCH
REF
VDDIO
TTL
ENLVA
VDDIO
TTL
VDDLVS
OD/PP
LVA
LVB
ILIMVR5LS
VREGVR1
SHUTDOWNZ
STANDBYZ
RESETZ
VDDLV
PGH
ENH
VSH
SW
VIN5VSW
EN5VSW
VREGVR4
ILIMVR3LS
ILIMVR3HS
VINVR3
VCOMP
TRIPZ
OEM
VCOMP
VDDIO
PGVR3
NVDCZ
OD/PP
OD/PP
TTL
TTL
VDDIO
TTL
OD/PP
OD/PP
OD/PP
VDDIO
OD/PP
c
TPS650830
V33A_DSW
V100S
V33A_DSW
(EC_VCC)
V3.3S
COMP
Comp_Mode
Comp_PG_mod
e
Enable Logic
Pgood_logic
COMP
COMP
1
-
ENA & V33APCHCNT
PGOOD A
A
COMP
1
0
ENB & V18U25UCNT ENB & V18U25UCNT
B
COMP
-
ENC
PGOOD C
C
COMP
1
0
END & VCCIOCNT
END & VCCIOCNT
D
COMP
1
0
ENE
ENA & V33APCHCNT
E
COMP
1
0
ENF
PGOOD F
F
COMP
1
-
ENG
PGOOD G
G
Volume #1
-
Copyright © 2016, Texas Instruments Incorporated
138
TPS650830
SLVSCF4A – DECEMBER 2014 – REVISED JULY 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: TPS650830
Application and Implementation
Copyright © 2014–2016, Texas Instruments Incorporated
7.2.4
Specific Application - TPS650830 Powering the Intel SkyLake and Kabylake Platform
Volume Configuration
Volume configuration is the lowest cost and smallest solution for SkyLake and Kabylake power. It
combines multiple same voltage rails into one rail reducing cost and size. Load switches are utilized to
separate the rails and power the system with correct sequencing. The PMIC controls these load switches
with the power good comparators. The TPS65083x also supports Premium configurations, see
TPS650831 and TPS650832 or literature numbers: SLVSCS5 and SLVSCS6.
Figure 7-12. TPS650830 Volume Application Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com