Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIFE32251B-R68MS Datasheet(PDF) 142 Page - Texas Instruments

Part # PIFE32251B-R68MS
Description  Simple and Flexible Wide Input Voltage PMU for Mobile Computers
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PIFE32251B-R68MS Datasheet(HTML) 142 Page - Texas Instruments

Back Button PIFE32251B-R68MS Datasheet HTML 138Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 139Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 140Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 141Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 142Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 143Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 144Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 145Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 146Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 157 page
background image
NVDC
Charger
FET
FET
EC
Embedded
Controller
Integrated FET
regulator
External FET
regulator
Signal Wire
Power bus
Legend:
SMBus
SMBus
FET
FET
AC/DC
Adaptor
Gas
Gauge
Protection
FET
FET
FET
SKYLAKE
PLATFORM
Vcore
Driver
Driver
FET FET
SVID
FET FET
6V - 8.4V
2S Battery Pack
VCORE
I2C
ALERT#
VCCSA
VCCGT
1.2V, 7.47A
TPS650830 - PMIC
FET FET
3.3V, 6.6A
FET FET
5V, 3.55A
FET FET
1.8V, 1.8A
1.00V, 6.81A
FET FET
0.6V, 1.2A
LOAD
SWITCH
LOAD
SWITCH
LOAD
SWITCH
LOAD
SWITCH
LOAD
SWITCH
LOAD
SWITCH
V1.2U
V0.6DX
V3.3A_DSW
V5ADS3
V1.8A
1.00V
V1.8S
VCCIO
V0.85A
V1.00A
V1.8U_V2.5U
V3.3S
V3.3A_PCH
V1.0S
TPS650830
VOLUME
KABYLAKE
Copyright © 2016, Texas Instruments Incorporated
142
TPS650830
SLVSCF4A – DECEMBER 2014 – REVISED JULY 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: TPS650830
Application and Implementation
Copyright © 2014–2016, Texas Instruments Incorporated
7.3
System Example
Below is a diagram of the SkyLake and Kabylake Platform System Power Delivery. The PMIC is flexible
and adjusts well across SkyLake and Kabylake platforms.
Figure 7-18. TPS650830 Volume Simplified System Power Configuration Diagram
7.4
Do's and Don'ts
•
Always either float or connect the VINPP to the same voltage as VIN. Never ground VINPP.
•
If not using a voltage regulator connect the enable to ground and float the output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com