Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIFE32251B-R68MS Datasheet(PDF) 144 Page - Texas Instruments

Part # PIFE32251B-R68MS
Description  Simple and Flexible Wide Input Voltage PMU for Mobile Computers
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PIFE32251B-R68MS Datasheet(HTML) 144 Page - Texas Instruments

Back Button PIFE32251B-R68MS Datasheet HTML 140Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 141Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 142Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 143Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 144Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 145Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 146Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 147Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 148Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 157 page
background image
10 mil
10 mil
6 mil
4 mil
Inner Balls
= Ball Pad
= Via, with 10 mil pad
and 6 mil drill
= Top Layer Trace
= Inner 1 / Bottom
Layer Trace
= Inner 2 / Bottom
Layer Trace
144
TPS650830
SLVSCF4A – DECEMBER 2014 – REVISED JULY 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: TPS650830
Layout
Copyright © 2014–2016, Texas Instruments Incorporated
9
Layout
9.1
Layout Guidelines
For all switching power supplies, the layout is an important step in the design, especially at high peak
currents and high switching frequencies. If the layout is not carefully done, the regulator could show
stability problems as well as EMI problems. Therefore, use wide and short traces for the main current path
and for the power ground tracks. The input capacitor, output capacitor, and the inductor should be placed
as close as possible to the IC. Use a common ground node for power ground and a different one for
control ground to minimize the effects of ground noise. Connect these ground nodes at any place close to
one of the ground pins of the IC.
There are 2 packages available for the TPS65083x, the ZAJ and ZCG. The ZAJ is a 7-mm x 7-mm BGA
with 0.5-mm ball pitch. The ZCG is a 9-mm x 9-mm BGA with 0.5-mm ball pitch but, some of the inner
balls have been removed for easier routing. Both packages preform relatively the same and the decision
between which package is best for the application depends on the space constraints and routing
technology used.
9.1.1
Fanout for ZAJ using Type 4 Routing
This small 7-mm x 7-mm package utilizes the Type 4 routing technique to decrease system board area as
much as possible. This Type 4 routing has vias in pad, blind and buried vias, and minimum trace width /
spacing of 4 mils.
Figure 9-1. Fanout for ZAJ Package Using Type 4 Routing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com