Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIFE32251B-R68MS Datasheet(PDF) 139 Page - Texas Instruments

Part # PIFE32251B-R68MS
Description  Simple and Flexible Wide Input Voltage PMU for Mobile Computers
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PIFE32251B-R68MS Datasheet(HTML) 139 Page - Texas Instruments

Back Button PIFE32251B-R68MS Datasheet HTML 135Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 136Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 137Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 138Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 139Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 140Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 141Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 142Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 143Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 157 page
background image
139
TPS650830
www.ti.com
SLVSCF4A – DECEMBER 2014 – REVISED JULY 2016
Submit Documentation Feedback
Product Folder Links: TPS650830
Application and Implementation
Copyright © 2014–2016, Texas Instruments Incorporated
7.2.4.1
Design Requirements
The deisgn requirements are set by the Intel SkyLake and Kabylake Platform. Below are the requirements
of the power supply system. This procedure assumes the system is a 2S NVDC system but, the
TPS65083x supports 3S NVDC, as well as non-NVDC systems. 2S NVDC system has an input voltage
range of 5.4 V to 8.7 V.
•
There must be 9 separate voltage rails:
–
V5A_DS3 - 5 V, IMAX = 3.5 A
–
V3.3A_DSW - 3.3 V, IMAX = 3.5 A
–
V3.3A_PCH - 3.3 V, IMAX = 3 A
–
V1.00A - 1.0 V, IMAX = 4.9 A
–
VCCIO - 1.0 V, IMAX = 2.9 A
–
V1.8A - 1.8 V, IMAX = 1 A
–
V1.8U - 1.8 V, IMAX = 1 A
–
VDDQ - 1.2 V, IMAX = 7.5 A
–
VTT - 0.6 V, IMAX = ±1A
•
All rails must have maximum tolerance of ±5% of the nominal voltage at all times with load transients.
–
Load Transients are defined as 0% to 70%, 70% to 0%, 30% to 100% and 100% to 30% load
current steps relative of the IMAX current defined for each rail.
•
Maximum height of components = 1.8 mm.
•
Sequence in the order below:
–
V3.3A_DSW with VIN supplied
–
V1.8A with VIN supplied
–
V5A_DS3 with SLP_SUS# transition to HIGH
–
V3.3A_PCH with SLP_SUS# transition to HIGH
–
V1.00A with SLP_SUS# transition to HIGH
–
VDDQ with SLP_S4# transition to HIGH
–
V1.8U with SLP_S4# transition to HIGH
–
VCCIO with SLP_S3# transition to HIGH
–
VTT with DDR_VTT_CTRL / SLP_S0# transition to HIGH
7.2.4.2
Detailed Design Procedure
The TPS650830 supplies 6 voltage rails and controls 3 load switches to meet the sequence order for the
V3.3A_PCH, V1.8U, and VCCIO rails.
•
VR1 supplies the V1.00A rail and the VCCIO rail with a load switch.
•
VR2 supplies the V1.8A rail and the V1.8U rail with a load switch.
•
VR3 supplies the V3.3A_DSW rail and the V3.3A_PCH rail with a load switch.
•
VR4 supplies the VDDQ rail and the VINLDO1 for termination.
•
VR5 supplies the V5A_DS3 rail.
•
VLDO1 supplies the VTT rail.
To meet the sequencing requirement the power goods of the VRs and PG comparators are feed back into
the enables for the VRs and comparators. The 5 external control signals SLP_SUS#, _S4#, _S3#, _S0#,
and DDR_VTT_CTRL are responsible for transitioning the system from sleep state to sleep state and the
reverse sequencing.
Since, the requirements are for a 2S NVDC system the NVDCZ pin should be tied LOW.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com