Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIFE32251B-R68MS Datasheet(PDF) 133 Page - Texas Instruments

Part # PIFE32251B-R68MS
Description  Simple and Flexible Wide Input Voltage PMU for Mobile Computers
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PIFE32251B-R68MS Datasheet(HTML) 133 Page - Texas Instruments

Back Button PIFE32251B-R68MS Datasheet HTML 129Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 130Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 131Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 132Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 133Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 134Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 135Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 136Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 137Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 157 page
background image
+.I=T = +KQPI=T +
J:8+0 F 8176; × 8176
2 ×
8+0 × B59 × . K
. =
8176 × :8+0 F 8176 ;
8+0 × B59 × +KQP/#: × -+0&
133
TPS650830
www.ti.com
SLVSCF4A – DECEMBER 2014 – REVISED JULY 2016
Submit Documentation Feedback
Product Folder Links: TPS650830
Application and Implementation
Copyright © 2014–2016, Texas Instruments Incorporated
7.2.2.2.1 Selecting the Inductor
An inductor is required to be placed between the SWVRx and the output capacitors. The inductor and
output capacitors together make the double-pole which contributes towards stability. In addition, the
inductor is directly responsible for the output ripple, efficiency, and transient performance. With an
increase in inductance used the ripple current decreases which, typically increases efficiency. However,
with an increase in inductance used, the transient performance decreases. Finally, the inductor selected
has to be rated for appropriate saturation current, core losses and DC resistance (DCR).
Use the equation below to calculate the recommended inductance for the controller. Let K IND be the ratio
of I Lripple to the Iout MAX. It is recommended that K IND is set to a value between 0.2 and 0.4.
(6)
With the chosen inductance value, the peak current for the inductor in steady state operation, I - Lmax , can
be calculated using the equation below. The rated saturation current of the inductor must be higher than
the I Lmax current.
(7)
Following these equations the preferred inductors selected for the converter are listed below in Table 7-2.
Table 7-2. Recommended Inductors
MANUFACTURER
PART NUMBER
VALUE
SIZE
HEIGHT
Cyntec
PIFE32251B-R68MS
0.68 µH
3.2 mm x 2.5 mm
1.2 mm
Würth
744383230068
0.68 µH
2.5 mm x 2 mm
1.0 mm
7.2.2.2.2 Selecting the Output Capacitors
Ceramic capacitors with low ESR values provide the lowest output voltage ripple and are recommended.
The output capacitor requires either an X7R or X5R dielectric. Y5V and Z5U dielectric capacitors, aside
from their wide variation in capacitance over temperature, become resistive at high frequencies.
At light load currents, the converter operates in Power Save Mode and the output voltage ripple is
dependent on the output capacitor value and the PFM peak inductor current. Higher output capacitor
values minimize the voltage ripple in PFM Mode. In order to achieve specified regulation performance and
low output voltage ripple, the DC-bias characteristic of ceramic capacitors must be considered. The
effective capacitance of ceramic capacitors drops with increasing DC bias voltage.
For the output capacitors of the DCDC converters the use of a small ceramic capacitors placed as close
as possible to the inductor and the respective PGND pins of the IC is recommended. If, for any reason,
the application requires the use of large capacitors which can not be placed close to the IC, use a smaller
ceramic capacitor in parallel to the large capacitor. The small capacitor should be placed as close as
possible to the inductor and the respective PGND pins of the IC.
At the DCDC converters the recommended capacitor for use is the muRata GRM188R60J226MEAO: 22
µF, 0603, 6.3 V, ±20% or similar. This capacitor was selected to achieve the highest derated capacitance
in a small 0603 package. If the selected output voltage is greater than 3.3 V then the muRata
GRM21BR61A226ME44: 22 µF, 0805, 10 V, ±20%, or similar is recommended for use. This capacitor is
recommended to maintain the actual capacitance as DC bias increases.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com