Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIFE32251B-R68MS Datasheet(PDF) 132 Page - Texas Instruments

Part # PIFE32251B-R68MS
Description  Simple and Flexible Wide Input Voltage PMU for Mobile Computers
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PIFE32251B-R68MS Datasheet(HTML) 132 Page - Texas Instruments

Back Button PIFE32251B-R68MS Datasheet HTML 128Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 129Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 130Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 131Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 132Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 133Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 134Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 135Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 136Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 157 page
background image
Converter
SWVR2
FBVR2P
FBVR2N
VINVR2
PGVRx
ENVRx
VREGVRx
1 PF
LDO5V
Cin
3.3V
Vout
Cout
Lout
100
Copyright © 2016, Texas Instruments Incorporated
4%5 (*5) =
nl4&5KJ × l+1%.+:8+0F8176;× 8176
2 × . × B59 × 8+0
pp
3200À
F8µ#r×20GÀ
+64+2
132
TPS650830
SLVSCF4A – DECEMBER 2014 – REVISED JULY 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: TPS650830
Application and Implementation
Copyright © 2014–2016, Texas Instruments Incorporated
If the controller has high side current limit then, use Equation 5 to calculate the high side RCS resistor. The
high side current limit must be set higher than the low side current limit. Again, since the current limit is
when the inductor current is near its maximum it is recommended to use the saturation derating of the
inductor when calculating the RCS.
(5)
7.2.2.1.6 Selecting the Input Capacitors
Because of the nature of the switching converter and controller with a pulsating input current, a low ESR
input capacitor is required for best input voltage filtering and minimizing the interference with other circuits
caused by high input voltage spikes. For the controller, 12 µF of input capacitance is recommended for
most applications. To achieve the low ESR requirement, a ceramic capacitor is recommended. However,
the voltage rating and DC bias characteristic of ceramic capacitors need to be considered. The input
capacitor can be increased without any limit for better input voltage filtering. Be sure to size the ceramic
capacitor to achieve the recommended input capacitance. A ceramic capacitor placed as close as possible
to the respective VINx and PGNDx pins of the FETs is recommended.
The preferred capacitors for the controllers are two muRata GRM21BR61E106MA73: 10 μF, 0805, 25 V,
±20% or similar.
7.2.2.2
Converter Design Procedure
Designing the converter has only 2 steps: designing the output filter and selecting the input capacitors.
The converter must be supplied by a 3.3-V source which can be provided by one of the TPS65083x
controllers.
The converter requires VREG supply and capacitors. VREG should be connected to the 5-V LDO and a 1-
µF, X5R, 20%, 10-V or similar capacitor should be used for decoupling.
Figure 7-4. Converter Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com