Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIFE32251B-R68MS Datasheet(PDF) 128 Page - Texas Instruments

Part # PIFE32251B-R68MS
Description  Simple and Flexible Wide Input Voltage PMU for Mobile Computers
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PIFE32251B-R68MS Datasheet(HTML) 128 Page - Texas Instruments

Back Button PIFE32251B-R68MS Datasheet HTML 124Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 125Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 126Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 127Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 128Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 129Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 130Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 131Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 132Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 157 page
background image
Digital & Control
Block
I2C Block
Level Shifters
VR2
Converter
LDO1
Load Switches
System Level Power Goods,
INT, and Resets
8
8
8
VSx [A-H]
ENx [A-H]
PGx [A-H]
Comparator Block
VR1
Controller
0.1 PF
Cout
DRVHVR1
DRVLVR1
VBSTVR1
SWVR1
FBVR1P
FBVR1N
PGNDVR1
ILIMVR1
Rcs
VR3
Controller
0.1 PF
Cout
DRVHVR3
DRVLVR3
VBSTVR3
SWVR3
FBVR3P
FBVR3N
PGNDVR3
ILIMVR3LS
Rcs
0.1 PF
Cout
DRVHVR4
DRVLVR4
VBSTVR4
SWVR4
FBVR4P
FBVR4N
PGNDVR4
ILIMVR4
Rcs
Rcs (HS)
ILIMVR3HS
VR5
Controller
0.1 PF
Cout
DRVHVR5
DRVLVR5
VBSTVR5
SWVR5
FBVR5P
FBVR5N
PGNDVR5
ILIMVR5LS
Rcs
Rcs (HS)
ILIMVR5HS
VR4
Controller
FBVR4N
Cout
Cin
SWVR2
FBVR2P
FBVR2N
PGNDVR2
VINVR2
Cout
Cin
Lout
100 Q
3.3V
Vout
Vout
Vout
Vout
Vout
Cin
Cin
Cin
Cin
2
2
VINLDO3
VOUT3V3SW
EN3V3SW
EN5VSW
VIN5VSW
Internal LDOs &
Supplies
VIN
LDO5V
LDO3V
VREF1V25
4.7 PF
10 PF
0.47 PF
1 PF
VIN
VIN
VIN
VIN
VIN
VCOMP
VCOMP
TRIPZ
Pull-up source
PTC
Power Path Comparators
VIN
Adaptor / AC
Battery1
Battery2
ACIN
BAT1 BAT2
Copyright © 2016, Texas Instruments Incorporated
128
TPS650830
SLVSCF4A – DECEMBER 2014 – REVISED JULY 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: TPS650830
Application and Implementation
Copyright © 2014–2016, Texas Instruments Incorporated
Figure 7-1. Simplifed General Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com