Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIFE32251B-R68MS Datasheet(PDF) 131 Page - Texas Instruments

Part # PIFE32251B-R68MS
Description  Simple and Flexible Wide Input Voltage PMU for Mobile Computers
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PIFE32251B-R68MS Datasheet(HTML) 131 Page - Texas Instruments

Back Button PIFE32251B-R68MS Datasheet HTML 127Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 128Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 129Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 130Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 131Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 132Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 133Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 134Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 135Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 157 page
background image
8
%5IEJ
< +
64+2
× 4
%5
< 8
%5I=T
4%5 =
8 ×
4&5KJ × 1.3 ×
l+1%. F
:8+0
F 8176; × 8176
2 ×
. × B59 × 8+0 p
+64+2
IOCL
ILS
131
TPS650830
www.ti.com
SLVSCF4A – DECEMBER 2014 – REVISED JULY 2016
Submit Documentation Feedback
Product Folder Links: TPS650830
Application and Implementation
Copyright © 2014–2016, Texas Instruments Incorporated
7.2.2.1.4 Bootstrap Capacitor
To make sure that the internal high side gate drivers are supplied with a stable low noise supply voltage, a
capacitor must be connected between the VBSTVRx pins and the respective SWVRx pins. Using ceramic
capacitors with the value of 0.1 µF are recommended for the converters and the controllers, respectfully.
For testing, a 0.1-µF, size 0402, 10-V capacitor was used for the controllers.
It is recommended to reserve a small resistor in series with the bootstrap capacitor in case the turn on / off
of the FETs need to be slowed in order to reduce voltage ringing on the switch node. This is common
practice for controller design.
7.2.2.1.5 Setting the Current Limits
The controller has a Valley Current Limit topology, also known as a Low Side Current Limit. This type of
current limit works by limiting the current only when the low side FET is on. If the current being sourced by
the low side FET is greater than the set low side current limit, ILS, the controller will hold the low side FET
on and the high side off until the current through the low side FET decreases below the set ILS. Only if the
current through the low side FET is less than the ILS will the low side FET be allowed to turn off and the
high side FET to turn on.
A fast current increase is limited by the maximum on time for the high side FET. This forces the low side
FET to turn on every period. Once the low side FET turns on, the Low Side Current Limit can control the
FETs until the current decreases below the ILS. The maximum on time for the high side FET limits the
current increase to maximum on time multiplied by the di/dt of the inductor until the low side FET is
switched on.
IOCL is the average current when the valley current is consistently the ILS.
Figure 7-3. IOCL Depiction
The low side current limit for the controllers is set by a resistor, RCS, at the ILIMx pin. A current, ITRIP, is
sourced across the RCS to set the voltage for the current limit comparator. Use the equation below to
determine the RCS resistor. It is recommended to set IOCL to 130% of IOUTmax and use a resistor with ±1%
or less tolerance for best results. Since the current limit is when the inductor current is near its maximum it
is recommended to use the saturation derating of the inductor when calculating the RCS.
(3)
There is a minimum and a maximum IOCL that can be achieved for the given parameters used in the
equation above. To ensure that the RCS has been sized correctly, the following equation must be true
across the application temperature range.
(4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com