Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIFE32251B-R68MS Datasheet(PDF) 129 Page - Texas Instruments

Part # PIFE32251B-R68MS
Description  Simple and Flexible Wide Input Voltage PMU for Mobile Computers
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PIFE32251B-R68MS Datasheet(HTML) 129 Page - Texas Instruments

Back Button PIFE32251B-R68MS Datasheet HTML 125Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 126Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 127Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 128Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 129Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 130Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 131Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 132Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 133Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 157 page
background image
. =
8176 × :8+0 F 8176 ;
8+0 × B59 × +KQP/#: × -+0&
Controller
DRVHVRx
DRVLVRx
VBSTVRx
SWVRx
FBVRxP
FBVRxN
PGNDVRx
Vout
Cin
VIN
0.1 PF
Cout
Lout
ILIMVRx
Rcs
VREGVRx
1 PF
LDO5V
ENVRx
PGVRx
Copyright © 2016, Texas Instruments Incorporated
129
TPS650830
www.ti.com
SLVSCF4A – DECEMBER 2014 – REVISED JULY 2016
Submit Documentation Feedback
Product Folder Links: TPS650830
Application and Implementation
Copyright © 2014–2016, Texas Instruments Incorporated
7.2.1
Design Requirements
The TPS65083x requires decoupling caps on the supply pins. Refer to the Electrical Characteristics for
recommended capacitance on these supplies.
The controllers, converter, LDO, and some other features can be adjusted to meet the application needs.
The following describes how to design and adjust the external components to achieve desired
performances.
7.2.2
Detailed Design Procedure
7.2.2.1
Controller Design Procedure
Designing the controller breaks down into several steps: designing the output filter, selecting the FETs,
bootstrap capacitor, and input capacitors and setting the current limits.
Controllers VR1 and VR4 require VREG supply and capacitors. VREG should be connected to the 5-V
LDO and a 1-µF, X5R, 20%, 10-V or similar capacitor should be used for decoupling.
Figure 7-2. Controller Diagram
7.2.2.1.1 Selecting the Inductor
An inductor is required to be placed between the external FETs and the output capacitors. The inductor
and output capacitors together make the double-pole which contributes towards stability. In addition, the
inductor is directly responsible for the output ripple, efficiency, and transient performance. With an
increase in inductance used the ripple current decreases which, typically increases efficiency. However,
with an increase in inductance used, the transient performance decreases. Finally, the inductor selected
has to be rated for appropriate saturation current, core losses, and DC resistance (DCR).
Use the equation below to calculate the recommended inductance for the controller. Let KIND be the ratio
of ILripple to the IoutMAX. It is recommended that KIND is set to a value between 0.2 and 0.4.
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com