Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA16200 Datasheet(PDF) 146 Page - Renesas Technology Corp

Part # DA16200
Description  Ultra Low Power Wi-Fi SoC
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA16200 Datasheet(HTML) 146 Page - Renesas Technology Corp

Back Button DA16200 Datasheet HTML 142Page - Renesas Technology Corp DA16200 Datasheet HTML 143Page - Renesas Technology Corp DA16200 Datasheet HTML 144Page - Renesas Technology Corp DA16200 Datasheet HTML 145Page - Renesas Technology Corp DA16200 Datasheet HTML 146Page - Renesas Technology Corp DA16200 Datasheet HTML 147Page - Renesas Technology Corp DA16200 Datasheet HTML 148Page - Renesas Technology Corp DA16200 Datasheet HTML 149Page - Renesas Technology Corp DA16200 Datasheet HTML 150Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 154 page
background image
DA16200
Ultra Low Power Wi-Fi SoC
Datasheet
Revision 3.6
04-Jan-2023
CFR0011-120-00
146 of 153
© 2023 Renesas Electronics
12.7 Soldering Information
12.7.1
Recommended Condition for Reflow Soldering
Figure 77 shows the typical process flow to install surface mount packages to the PCB.
The reflow profile depends on the solder paste being used and the recommendations from the paste
manufacturer should be followed to determine the proper reflow profile. Figure 77 shows a typical
reflow profile when a no-clean paste is used. Oven time above liquidus (260 °C for lead-free solder)
is 30 to 60 seconds.
Since solder joints are not exposed in QFN packages, any retouch is not possible and the whole
package has to be removed if the surface mount process results in shorts or opens. Furthermore,
rework of QFN packages can be a challenge due to their small size. In most applications, QFNs will
be installed on smaller, thinner, and denser PCBs, and introduces further challenges due to handling
and heating issues. Since reflow of adjacent parts is not desirable during rework, the proximity of
other components may further complicate this process. Because of the product dependent
complexities, the following steps only provide a guideline and a starting point for the development of
a successful rework process for the QFN packages.
The rework process involves the following steps:
1. Component removal
2. Site redress
3. Solder paste application
4. Component placement
5. Component attachment
Figure 77: Typical PCB Mounting Process Flow



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com