Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA16200 Datasheet(PDF) 149 Page - Renesas Technology Corp

Part # DA16200
Description  Ultra Low Power Wi-Fi SoC
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA16200 Datasheet(HTML) 149 Page - Renesas Technology Corp

Back Button DA16200 Datasheet HTML 145Page - Renesas Technology Corp DA16200 Datasheet HTML 146Page - Renesas Technology Corp DA16200 Datasheet HTML 147Page - Renesas Technology Corp DA16200 Datasheet HTML 148Page - Renesas Technology Corp DA16200 Datasheet HTML 149Page - Renesas Technology Corp DA16200 Datasheet HTML 150Page - Renesas Technology Corp DA16200 Datasheet HTML 151Page - Renesas Technology Corp DA16200 Datasheet HTML 152Page - Renesas Technology Corp DA16200 Datasheet HTML 153Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 154 page
background image
DA16200
Ultra Low Power Wi-Fi SoC
Datasheet
Revision 3.6
04-Jan-2023
CFR0011-120-00
149 of 153
© 2023 Renesas Electronics
Revision History
Revision
Date
Description
3.6
04-Jan-2023
● Section 7.5.1, 9.8.4, Table 28 added details for sleep modes
● Updated operating temperature in Key Features list
● Updated Table 4 to add storage temperature range and adjusted
min/max voltages
3.5
13-Jun-2022
● Section 7.3.1.2 Corrected the internal SRAM address range
● Section 7.4.2 Added note about Sleep mode 2 &3 for retention I/O
● Section 9.3 and Section 10.5 Added note about SPI slave half-
duplex and clock speed calculation
● Table 32 Changed to Chacha20 and Poly1305
● Table 52 Removed Input Tolerance
3.4
17-Jan-2022
● Section 4.3 Updated Pinout Multiplexing
● Section 5.8 Updated Clock Electrical Characteristics
● Section 9.3 fixed typo
● Section 9.4 Added SDIO interface needs pull-up resistors
description and Figure 32
● Section 9.5.3 Added I2C Interface Pull-up
● Section 9.12 Updated SWD part Table 60
● Section 11.3 and 11.4 Updated Description
● Update to the operating temperature range
● Updates to for variant 001. (OTP Size, BT Coex, BOR registers)
● Table 8 Updated the Guaranteed logic High level VIH to 2,3V
3.3
03-Fab-2021
● Table 1 Updated Pinout Description
● Section 6.1 Added Note for Power on Sequence and Updated
Table 26 and Figure 11
● Section 9.7.3 Fixed typo
● Section 10 Updated RC Delay Description (Table 61, Table 63,
Table 65, Table 67 and Figure 56, Figure 57, Figure 58, Figure
59)
3.2
28-Sep-2020
● Section 6.3 Updated Sleep mode Description
● Removed F_xx pins in Interface Parts.
● Section 4.3 (Table 3) Updated Pin Multiplexing
● Section 9.8 (Table 52) Updated ADC Reference Voltage
● Section 9.5.1 and 9.5.2 Updated I2C Speed Description
● Section 9.5 Updated I2C interface (Table 43) and (Table 45)
● Section 9.7.1 and 9.7.2 Added, I2S Description, Block Diagram,
and Clock Scheme
● Section 9.8.2 Table 52 Swapped SNDR, SNR value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com