Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA16200 Datasheet(PDF) 151 Page - Renesas Technology Corp

Part # DA16200
Description  Ultra Low Power Wi-Fi SoC
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA16200 Datasheet(HTML) 151 Page - Renesas Technology Corp

Back Button DA16200 Datasheet HTML 146Page - Renesas Technology Corp DA16200 Datasheet HTML 147Page - Renesas Technology Corp DA16200 Datasheet HTML 148Page - Renesas Technology Corp DA16200 Datasheet HTML 149Page - Renesas Technology Corp DA16200 Datasheet HTML 150Page - Renesas Technology Corp DA16200 Datasheet HTML 151Page - Renesas Technology Corp DA16200 Datasheet HTML 152Page - Renesas Technology Corp DA16200 Datasheet HTML 153Page - Renesas Technology Corp DA16200 Datasheet HTML 154Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 151 / 154 page
background image
DA16200
Ultra Low Power Wi-Fi SoC
Datasheet
Revision 3.6
04-Jan-2023
CFR0011-120-00
151 of 153
© 2023 Renesas Electronics
Revision
Date
Description
2.2
12-Aug-2019
● Added Figure 71: DA16200 72-Pin fcCSP Land Pattern
● AC characteristics and current consumption of fcCSP data
updated in Table 13, Table 15, and Table 18
● Ordering information added
2.1
30-Jul-2019
● Added "3.8 mm × 3.8 mm, 0.4 mm pitch, 72-Pin, fcCSP" in
package type in key features
● Added Figure 5, Figure 8, and Figure 10
● Added pin numbers for fcCSP package in Table 1, Table 28,
Table 34, Table 38, Table 40, Table 42, Table 44, Table 46, Table
48, Table 53, Table 56, and Table 60
● Added "GPIOC6~GPIOC8, TMS/TCLK, TXD/RXD" in the
description of Pin13/M8 in Table 1
● Added "GPIOA0~GPIOA11" in the description of Pin35/C1 in
Table 1
● Added "fcCSP GND Pin
A1,A9,B6,B10,B12,C7,C9,C11,D8,D10,F6,F8,F10,F12,G5,G7,G9,
H4,H8,H10,J3,K2,L5,M6,M12,E5" in Table 1
● In Table 3 SPI master contents updated
● Added information on fcCSP pins in section 5.1 and 5.2
● Added Table 13, Table 15, and Table 18
● Added section 10.3
● Updated section 11.1 to include information on fcCSP
● Added section 11.4
● Changed the caption of Table 27 to "OTP Map"
2.0
03-Jul-2019
Preliminary datasheet



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com