Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA16200 Datasheet(PDF) 150 Page - Renesas Technology Corp

Part # DA16200
Description  Ultra Low Power Wi-Fi SoC
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA16200 Datasheet(HTML) 150 Page - Renesas Technology Corp

Back Button DA16200 Datasheet HTML 146Page - Renesas Technology Corp DA16200 Datasheet HTML 147Page - Renesas Technology Corp DA16200 Datasheet HTML 148Page - Renesas Technology Corp DA16200 Datasheet HTML 149Page - Renesas Technology Corp DA16200 Datasheet HTML 150Page - Renesas Technology Corp DA16200 Datasheet HTML 151Page - Renesas Technology Corp DA16200 Datasheet HTML 152Page - Renesas Technology Corp DA16200 Datasheet HTML 153Page - Renesas Technology Corp DA16200 Datasheet HTML 154Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 150 / 154 page
background image
DA16200
Ultra Low Power Wi-Fi SoC
Datasheet
Revision 3.6
04-Jan-2023
CFR0011-120-00
150 of 153
© 2023 Renesas Electronics
Revision
Date
Description
3.1
3-Jul-2020
● Section 3, Modified Description to Network subsystem layer.
● Section 3, Figure 2 Modified Hardware Block diagram
● Section 4.2 (Table 1), Reset state changed to Initial state.
● Section 4.3 (Table 3) Updated Pin multiplexing.
● Section 5.2 (Table 5) Updated FDIO_LDO_OUT value
● Section 5.3 Updated Electrical Characteristics
● Section 5.4.2 (Table 14) Updated fcCSP TX min/max value
● Section 5.5 Updated Current Consumption value
● Section 6.2 Added Description and Updated Power management
block diagram (Figure 12).
● Section 6.3 Updated Sleep mode Description
● Section 7.4 (Table 28) Updated RTC_PWR_KEY description and
Remove one sentence which leads to misunderstanding.
● Section 9.5.1 (Table 43),(Table 45) Updated I2C Speed
● Section 9.9.1 Added Diversity Description and (Figure 46)
● Section 9.10.3 Added UART Baud rate Description
● Section 10.1, 10.2 Updated QFN Application Schematic (Figure
56),(Figure 57) and Description.
● Section 10.3, 10.4 Updated fcCSP Application Schematic (Figure
58),(Figure 59) and Description, (Table 65), (Table 67). And
Added note after table IO Power Domain
● Page 93 Updated Description about Reach and RoHS
Compliance
3.0
26-Mar-2020
● Final release
2.9
11-Feb-2020
● Feature, Wi-Fi Alliance certification: Detailed added
● Section 5.4.1 and 5.4.2 measurement condition CH1 added
● Section 9.10.1 RS-232 added
● Section 9.10.3 Hardware Flow Control added
● Section 9.10.4 Interrupts added
● Table 3 Pin Multiplexing changed
● Section 11.1 MSL added
● Figure 54. DA16200 fcCSP Package Top view added
● Application circuit (QFN, fcCSP) BOM changed
● Feature deleted: DPD function support
● Rx and Tx min/max value added for the QFN package (Table 12
and Table 14)
● Rx and Tx min/max value added for the fcCSP package (Table 13
and Table 15)
● Table 17 and Table 20 updated
● ESD ratings added for the QFN and fcCSP packages in Table 21
and Table 22
2.3
5-Sep-2019
● Pin name "RTC_SEN_OUT" changed to "RTC_GPO"
● Pull-down resistor added in Figure50, Figure51, Figure52
● QFN48 package "RTC_WAKE_UP" and "RTC_WAKE_UP2"
● fcCSP72 package "RTC_WAKE_UP"
● Ordering information sample and production pack quantity
updated
● Application circuit revised in QFN and fcCSP package
● RTC_WAKE_UP pull-down resistor added



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com