Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ORSPI4 Datasheet(PDF) 258 Page - Lattice Semiconductor

Part # ORSPI4
Description  Dual SPI4 Interface and High-Speed SERDES FPSC
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ORSPI4 Datasheet(HTML) 258 Page - Lattice Semiconductor

Back Button ORSPI4 Datasheet HTML 254Page - Lattice Semiconductor ORSPI4 Datasheet HTML 255Page - Lattice Semiconductor ORSPI4 Datasheet HTML 256Page - Lattice Semiconductor ORSPI4 Datasheet HTML 257Page - Lattice Semiconductor ORSPI4 Datasheet HTML 258Page - Lattice Semiconductor ORSPI4 Datasheet HTML 259Page - Lattice Semiconductor ORSPI4 Datasheet HTML 260Page - Lattice Semiconductor ORSPI4 Datasheet HTML 261Page - Lattice Semiconductor ORSPI4 Datasheet HTML 262Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 258 / 263 page
background image
Lattice Semiconductor
ORCA ORSPI4 Data Sheet
258
Package Information
Package Thermal Characteristics Summary
There are three thermal parameters that are in common use:
ΘJA, ψJC, and ΘJC. It should be noted that all the
parameters are affected, to varying degrees, by package design (including paddle size) and choice of materials,
the amount of copper in the test board or system board, and system airflow.
ΘJA
This is the thermal resistance from junction to ambient (theta-JA, R-theta, etc.):
(1)
where TJ is the junction temperature, TA, is the ambient air temperature, and Q is the chip power.
Experimentally,
ΘJA is determined when a special thermal test die is assembled into the package of interest, and
the part is mounted on the thermal test board. The diodes on the test chip are separately calibrated in an oven. The
package/board is placed either in a JEDEC natural convection box or in the wind tunnel, the latter for forced con-
vection measurements. A controlled amount of power (Q) is dissipated in the test chip’s heater resistor, the chip’s
temperature (TJ) is determined by the forward drop on the diodes, and the ambient temperature (TA) is noted. Note
that
ΘJA is expressed in units of °C/W.
ψJC
This JEDEC designated parameter correlates the junction temperature to the case temperature. It is generally
used to infer the junction temperature while the device is operating in the system. It is not considered a true thermal
resistance and it is defined by:
(2)
where TC is the case temperature at top dead center, TJ is the junction temperature, and Q is the chip power. Dur-
ing the
ΘJA measurements described above, besides the other parameters measured, an additional temperature
reading, TC, is made with a thermocouple attached at top-dead-center of the case.
ψJC is also expressed in units
of °C/W.
Θ
Θ
Θ
ΘJC
This is the thermal resistance from junction to case. It is most often used when attaching a heat sink to the top of
the package. It is defined by:
(3)
The parameters in this equation have been defined above. However, the measurements are performed with the
case of the part pressed against a water-cooled heat sink to draw most of the heat generated by the chip out the
top of the package. It is this difference in the measurement process that differentiates
ΘJC from ψJC. ΘJC is a true
thermal resistance and is expressed in units of °C/W.
ΘJB
This is the thermal resistance from junction to board. It is defined by:
(4)
where TB is the temperature of the board adjacent to a lead measured with a thermocouple. The other parameters
on the right-hand side have been defined above. This is considered a true thermal resistance, and the measure-
ΘJA
TJ
TA
–
Q
-------------------
=
ψJC
TJ
TC
–
Q
-------------------
=
ΘJC
TJ
TC
–
Q
-------------------
=
ΘJB
TJ
TB
–
Q
-------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com