Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ORSPI4 Datasheet(PDF) 259 Page - Lattice Semiconductor

Part # ORSPI4
Description  Dual SPI4 Interface and High-Speed SERDES FPSC
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ORSPI4 Datasheet(HTML) 259 Page - Lattice Semiconductor

Back Button ORSPI4 Datasheet HTML 255Page - Lattice Semiconductor ORSPI4 Datasheet HTML 256Page - Lattice Semiconductor ORSPI4 Datasheet HTML 257Page - Lattice Semiconductor ORSPI4 Datasheet HTML 258Page - Lattice Semiconductor ORSPI4 Datasheet HTML 259Page - Lattice Semiconductor ORSPI4 Datasheet HTML 260Page - Lattice Semiconductor ORSPI4 Datasheet HTML 261Page - Lattice Semiconductor ORSPI4 Datasheet HTML 262Page - Lattice Semiconductor ORSPI4 Datasheet HTML 263Page - Lattice Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 259 / 263 page
background image
Lattice Semiconductor
ORCA ORSPI4 Data Sheet
259
ment is made with a water-cooled heat sink pressed against the board to draw most of the heat out of the leads.
Note that
ΘJB is expressed in units of °C/W and that this parameter and the way it is measured are still being dis-
cussed by the JEDEC committee.
FPSC Maximum Junction Temperature
Once the power dissipated by the FPSC has been determined, the maximum junction temperature of the FPSC
can be found. This is needed to determine if speed derating of the device from the 85 °C junction temperature used
in all of the delay tables is needed. Using the maximum ambient temperature, TAmax, and the power dissipated by
the device, Q (expressed in °C), the maximum junction temperature is approximated by:
TJmax = TAmax + (Q •
ΘJA)
Package Thermal Characteristics
The thermal characteristics of the 1036-ball ftSBGA and the 1156-ball fpBGA used for the ORSPI4 are available at
the Thermal Management section of the Lattice Semiconductor web site at www.latticesemi.com.
Heat Sink Vendors for BGA Packages
The estimated worst-case power requirements for the ORSPI4 is in the 8 W to 10 W range. Consequently, for most
applications an external heat sink will be required. Table 88 lists, in alphabetical order, heat sink vendors who
advertise heat sinks aimed at the BGA market.
Table 88. Heat Sink Vendors
Package Parasitics
The electrical performance of an IC package, such as signal quality and noise sensitivity, is directly affected by the
package parasitics.
Figure 102. Package Parasitics
Vendor
Location
Phone
Aavid Thermalloy
Concord, NH
(603) 224-9988
Chip Coolers
Warwick, RI
(800) 227-0254
IERC
Burbank, CA
(818) 842-7277
R-Theta
Buffalo, NY
(800) 388-5428
Sanyo Denki
Torrance, CA
(310) 783-5400
Wakefield Thermal Solutions
Pelham, NH
(800) 325-1426
PAD N
Board Pads
CM
C1
LSW
RW
LSL
LMW
C2
C1
LML
C2
PAD N + 1
LSW
RW
LSL
Circuit
Pad N+1
Pad N
Package
Pads



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com