Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ORSPI4 Datasheet(PDF) 261 Page - Lattice Semiconductor

Part # ORSPI4
Description  Dual SPI4 Interface and High-Speed SERDES FPSC
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ORSPI4 Datasheet(HTML) 261 Page - Lattice Semiconductor

Back Button ORSPI4 Datasheet HTML 255Page - Lattice Semiconductor ORSPI4 Datasheet HTML 256Page - Lattice Semiconductor ORSPI4 Datasheet HTML 257Page - Lattice Semiconductor ORSPI4 Datasheet HTML 258Page - Lattice Semiconductor ORSPI4 Datasheet HTML 259Page - Lattice Semiconductor ORSPI4 Datasheet HTML 260Page - Lattice Semiconductor ORSPI4 Datasheet HTML 261Page - Lattice Semiconductor ORSPI4 Datasheet HTML 262Page - Lattice Semiconductor ORSPI4 Datasheet HTML 263Page - Lattice Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 261 / 263 page
background image
Lattice Semiconductor
ORCA ORSPI4 Data Sheet
261
Ordering Information
Table 89. Device Type Options
Table 90. Commercial Ordering Information
1
Table 91. Industrial Ordering Information
1
Table 92. Pb-free Commercial Ordering Information
1
Device
Voltage
ORSPI4
1.5 V internal
3.3 V/2.5 V/1.8 V/ 1.5 V I/O
Device Family
Part Number
Speed
Grade
Package Type
Ball Count
Grade
ORSPI4
ORSPI4-3FTE1036C
3
ftSBGA
1036
C
ORSPI4-2FTE1036C
2
C
ORSPI4-1FTE1036C
1
C
ORSPI4-3FE1036C
2
3
fpSBGA
1036
C
ORSPI4-2FE1036C
2
2C
ORSPI4-1FE1036C
2
1C
ORSPI4-3F1156C
3
fpBGA
1156
C
ORSPI4-2F1156C
2
C
ORSPI4-1F1156C
1
C
Device Family
Part Number
Speed
Grade
Package Type
Ball Count
Grade
ORSPI4
ORSPI4-2FTE1036I
2
ftSBGA
1036
I
ORSPI4-1FTE1036I
1
I
ORSPI4-2FE1036I
2
2
fpSBGA
1036
I
ORSPI4-1FE1036I
2
1I
ORSPI4-2F1156I
2
fpBGA
1156
I
ORSPI4-1F1156I
1
I
Device Family
Part Number
Speed
Grade
Package Type
Ball Count
Grade
ORSPI4
ORSPI4-3FN1156C
3
Pb-free fpBGA
1156
C
ORSPI4-2FN1156C
2
C
ORSPI4-1FN1156C
1
C
Device Family
ORSPI4
Package
Grade
XXXXXX
X
Speed Grade
C = Commercial
I = Industrial
X XX
Optional Suffix
Blank = Production
ES = Engineering Samples
FE1036 = 1036-ball fpSBGA (Thermally Enhanced
F1156 = 1156-ball fpBGA (Fine-Pitch BGA)
-
FN1156 = Lead-Free1156-ball fpBGA (Fine-Pitch BGA)
FTE1036 = 1036-ball ftSBGA (Thermally Enhanced
Fine-Pitch Thin BGA)
Fine-Pitch BGA) - Replaced by FTE1036



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com