Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ORSPI4 Datasheet(PDF) 262 Page - Lattice Semiconductor

Part # ORSPI4
Description  Dual SPI4 Interface and High-Speed SERDES FPSC
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ORSPI4 Datasheet(HTML) 262 Page - Lattice Semiconductor

Back Button ORSPI4 Datasheet HTML 255Page - Lattice Semiconductor ORSPI4 Datasheet HTML 256Page - Lattice Semiconductor ORSPI4 Datasheet HTML 257Page - Lattice Semiconductor ORSPI4 Datasheet HTML 258Page - Lattice Semiconductor ORSPI4 Datasheet HTML 259Page - Lattice Semiconductor ORSPI4 Datasheet HTML 260Page - Lattice Semiconductor ORSPI4 Datasheet HTML 261Page - Lattice Semiconductor ORSPI4 Datasheet HTML 262Page - Lattice Semiconductor ORSPI4 Datasheet HTML 263Page - Lattice Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 262 / 263 page
background image
Lattice Semiconductor
ORCA ORSPI4 Data Sheet
262
Table 93. Pb-free Industrial Ordering Information
1
Revision History
Device Family
Part Number
Speed
Grade
Package Type
Ball Count
Grade
ORSPI4
ORSPI4-2FN1156I
2
Pb-free fpBGA
1156
I
ORSPI4-1FN1156I
1
I
1. For all but the slowest commercial speed grade, the speed grades on these devices are dual marked. For example, the commer-
cial speed grade -3XXXXXC is also marked with the industrial grade -2XXXXXI. The commercial grade is always one speed
grade faster than the associated dual mark industrial grade. The slowest commercial speed grade is marked as commercial
grade only.
2. Convert to FTE package per PCN#16A-07.
Date
Version
Change Summary
–
–
Previous Lattice releases.
July 2004
02.0
Phase-Locked Loops description has been updated.
ORSPI Transmit FPGA/Embedded Core Interface description has been updated.
SPIA Core Transmit FPGA Interface in 32-Bit Mode.
SPIA Core Transmit FPGA Interface in 64-Bit Mode, and Table 4. SPIA Core Transmit
FPGA Interface in 128-Bit Mode have been updated.
Link Disable section has been updated.
TX DPRAM section has been updated.
Port Credit Field Update Flow Chart has been added and the description has been
updated.
Calendar Programming section has been updated to "After programming the calendar
memory, the TX_CAL_MEM_SEL bit is set to '0'."
SPIA Core Receive FPGA Interface in 32-Bit Mode has been updated.
RDI Block description has been updated.
Far End Loopback Setup section has been added.
ORSPI4 QDRII Memory Controller Block Diagram has been updated.
FPGA/Embedded Core Signals has been updated.
ORSPI4 Memory Controller Interface to FPGA - Write Timing Diagram has been updated.
ORSPI4 Memory Controller Interface to QDRII: 4-Word Burst Mode has been updated.
ORSPI4 Memory Controller Interface to FPGA - Read Timing Diagram has been updated.
Memory Controller Instruction Latency section has been updated.
Memory Map has been updated.
ORSPI4 Post configuration Standby Current has been added.
ORSPI4 SERDES Worst Case Power Table has been updated with footnote 2.
Supported Data Rates has been updated.
SPI4.2 Data Interface has been added."
Timing Reference Points with Respect to Clock Edge has been updated.
Data Path Interface Timing for Static Alignment has been updated.
Status Path Interface OIF-SPI4-02.2 Specification Timing (Reference) has been updated.
Status Path Interface ORSPI4 Timing in Centered (OIF) Mode has been updated.
Status Channel Reference Points with Respect to Clock Edge has been updated.
Status Path Interface ORSPI4 Timing in Legacy Mode has been updated.
Channel Output Jitter (3.125 Gbits/s) has been updated.
Channel Output Jitter (2.5 Gbits/s) has been updated."
Memory Controller Input/Output Timing Specification has been added.
Memory Controller Output Timing Specification has been added.
Memory Controller Input Timing Specification has been added.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com