Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ORSPI4 Datasheet(PDF) 263 Page - Lattice Semiconductor

Part # ORSPI4
Description  Dual SPI4 Interface and High-Speed SERDES FPSC
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ORSPI4 Datasheet(HTML) 263 Page - Lattice Semiconductor

Back Button ORSPI4 Datasheet HTML 255Page - Lattice Semiconductor ORSPI4 Datasheet HTML 256Page - Lattice Semiconductor ORSPI4 Datasheet HTML 257Page - Lattice Semiconductor ORSPI4 Datasheet HTML 258Page - Lattice Semiconductor ORSPI4 Datasheet HTML 259Page - Lattice Semiconductor ORSPI4 Datasheet HTML 260Page - Lattice Semiconductor ORSPI4 Datasheet HTML 261Page - Lattice Semiconductor ORSPI4 Datasheet HTML 262Page - Lattice Semiconductor ORSPI4 Datasheet HTML 263Page - Lattice Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 263 / 263 page
background image
Lattice Semiconductor
ORCA ORSPI4 Data Sheet
263
October 2004
03.0
Datasheet is now Final Status for production release of the device.
Clock Rates under High Performance Memory Controller for Interface to External Buffer
Memory has been updated to 175MHz
DDR performance has been updated to 175MHz in the introduction section.
FPGA Logic Overview section has been updated.
Recommended Operating Conditions has been updated.
ORSPI4 Post-Configuration Stabdby CurrentTable has been updated.
ORSPI4 Combined SPIA and SPIB Worst Case Power Table has been updated.
ORSPI4 QDR Memory Controller Worst Case Power Table has been updated.
ORSPI4 SERDES Worst Case Power Table has been updated with footnote 2.
Supported Data Rates Table has been updated.
System Timing Reference Points has been updated.
SPI4.2 Timing Points with Respect to Clock Edge has been added.
SPI4.2 Data Interface Table has been updated.
SPI4.2 Receive Timing Points with Respect to Clock Edge has been added."
SPI4.2 Receive Data Interface Timing has been updated.
Data Path Interface Timing for Static Alignment has been updated.
Data Path Parameters for Dynamic Alignment has been updated.
Status Channel Reference Points with Respect to Clock Edge (LVDS and LVTTL I/Os)
has been updated.
Status Path Interface ORSPI4 Timing in Centered (OIF) Mode
February 2005
04.0
Status Channel Reference Points with Respect to Clock Edge (Edge Aligned Legacy
Mode) has been updated.
Status Path Interface ORSPI4 Timing in Legacy Mode has been updated.
Channel Output Jiffer (3.125 Gbits/s) has been updated.
Channel Output Jitter (2.5 Gbits/s) has been updated.
HSTL Class I and II section has been updated.
HSTL Class II DC Operating Specifications has been updated.
Supported Data Rtes (36-Bit QDR-II, 32 bit Considered Data) Table has been updated.
Memory Controller Output Timing Specifications has been updated.
Memory Controller Input Timing Specifications have been updated.
Memory Controller Input Timing Specifications have been updated.
Recommended Power Supply Connections section has been updated.
Recommended Power Supply Filtering Scheme section has been updated.
Commercial Ordering Information Table and Industrial Ordering Information Table have
been updated for production release of the ORSPI4.
April 2005
05.0
Released 1156-fpBGA Pb-free devices.
October 2007
06.0
Added 1036-ball ftSBGA information per PCN#16A-07 (package conversion from 1036-
fpSBGA to 1036-ftSBGA).
Date
Version
Change Summary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com