Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV2310 Datasheet(PDF) 52 Page - STMicroelectronics

Part # STV2310
Description  Multistandard TV Digital Video Decoder with Adaptive Comb Filter and RGB/YCrCb Input
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2310 Datasheet(HTML) 52 Page - STMicroelectronics

Back Button STV2310 Datasheet HTML 48Page - STMicroelectronics STV2310 Datasheet HTML 49Page - STMicroelectronics STV2310 Datasheet HTML 50Page - STMicroelectronics STV2310 Datasheet HTML 51Page - STMicroelectronics STV2310 Datasheet HTML 52Page - STMicroelectronics STV2310 Datasheet HTML 53Page - STMicroelectronics STV2310 Datasheet HTML 54Page - STMicroelectronics STV2310 Datasheet HTML 55Page - STMicroelectronics STV2310 Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 112 page
background image
Functional Description
STV2310
52/112
● GMUD31: This byte provides the MSB contents of the Gemstar 4th byte of data.
● GMUDL0: This byte provides the contents of the Gemstar bytes parity check.
● GMUDL1: This byte is static and provide no information.
GMP0: Gemstar parity flag of the first byte
GMP1: Gemstar parity flag of the second byte
GMP2: Gemstar parity flag of the third byte
GMP3: Gemstar parity flag of the fourth byte
4.14
I²C Bus Specifications
Data transfers follow the usual I²C format: after the start condition (S), a 7-bit slave address is sent,
followed by an eight-bit which is a data direction bit (W). An 8-bit sub-address is sent to select a
register, followed by an 8-bit data word to be included in the register. The circuit operates at clock
frequencies of up to 400 kHz. The IC’s I²C bus decoder allows the automatic incrementation mode
in write mode.
String Format
Write Only mode (S = Start Condition, P = Stop Condition, A = Acknowledge)
Read Only mode
Slave Address
bit
76543
210
0
0
GM31
GM30
GM29
GM28
bit
76543
210
0
0
GMP3
GMP2
GMP1
GMP0
bit
7
6
5
4
3
2
1
0
10
0
0
0
0
0
0
S
SLAVE ADDRESS
0
A
REGISTER N
A
DATA N
A
P
S
SLAVE ADDRESS
0
A
REGISTER N
A
P
S
SLAVE ADDRESS
1
A
DATA N
A
DATA N+1
A
P
Address
A7
A6
A5
A4
A3
A2
A1
A0
Value
10
00
I2CADD
11
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com