Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV2310 Datasheet(PDF) 17 Page - STMicroelectronics

Part # STV2310
Description  Multistandard TV Digital Video Decoder with Adaptive Comb Filter and RGB/YCrCb Input
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2310 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STV2310 Datasheet HTML 13Page - STMicroelectronics STV2310 Datasheet HTML 14Page - STMicroelectronics STV2310 Datasheet HTML 15Page - STMicroelectronics STV2310 Datasheet HTML 16Page - STMicroelectronics STV2310 Datasheet HTML 17Page - STMicroelectronics STV2310 Datasheet HTML 18Page - STMicroelectronics STV2310 Datasheet HTML 19Page - STMicroelectronics STV2310 Datasheet HTML 20Page - STMicroelectronics STV2310 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 112 page
background image
17/112
STV2310
Functional Description
The Output Sync Pulse (H, V and F) can be embedded in the digital output stream, according to the
ITU_R BT_656/601 format, using the EAV and SAV codes. The Output Sync Pulse can also be
delivered on dedicated external pins (33, 34, 35). These pins can be used specifically if the output
sync pulses are no longer compliant with the ITU_R BT_656/601 format, as non-interlaced pictures
or signals from a non-standard source (VCR). See Section 4.12.2.1 and Section 4.12.2.2 for more
information.
4.2.2
Programming
The circuit can function in Automatic mode or use a programmable HPLL time constant. Automatic
mode is selected by default. In this case the STV2310 automatically adapts the time constant to the
reception conditions. In the case of unstable sources (such as VCRs) the circuit uses a special
user-programmable VCR time constant. This HPLL time constant's proportional gain is selected in
the HSYN_GP[7:0] bits in the DDECCONT26 register. The value for the integral gain is selected in
the HSYN_GI[7:0] bits in the DDECCONT27 register. These bits also define the programmable time
constant when the HTIMECSTSEL bit is reset in the DDECCONT22 register (Automatic mode
disabled).
To be automatically selected, the VCR time constant requires that the noise level be below the
noise threshold selected by the NOISE_THRESHOLD[2:0] bits in the DDECCONT25 register.
The Vsync search and initial Free-running modes are selected by the 5060MODE[1:0] bits in the
DDECCONT0 register.
The (fluctuating) average sync bottom and blanking level values, based on the Hsync Pulse Bottom
Period and Composite Video Burst Period identification data, are necessary in turn to perform the
clamp correction on the CVBS signal in the analog domain. (See Figure 9.) The clamp level is
programmed by the BLANKMODE[1:0] bits in the DDECCONT1 register.
The Active Input Video Period and small amplitude signals for the Active Input Video Period levels
which control the gain level of the AGC are programmed in the ACTITH[1:0] and SMHITH[1:0] bits
(respectively) in the DDECCONT16 register.
The CVBS saturation threshold is programmed in the SATLMTPT[1:0] and SATLMTLN[1:0] bits of
the DDECCONT16 register in the event of a high level of chroma demodulation. It is expressed as
a number of samples per field (when, according to the algorithm, the number of samples is reached,
the gain is decreased).
Output mode can be forced to 50 Hz or 60 Hz by 5060MODE[1:0] bits in the the DDECCONT00
register.
To output a non-interlaced image, the chip must be set in direct parity mode by the DIRECTPARITY
bit in the DDECCONT1F register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com