Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV2310 Datasheet(PDF) 19 Page - STMicroelectronics

Part # STV2310
Description  Multistandard TV Digital Video Decoder with Adaptive Comb Filter and RGB/YCrCb Input
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2310 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STV2310 Datasheet HTML 15Page - STMicroelectronics STV2310 Datasheet HTML 16Page - STMicroelectronics STV2310 Datasheet HTML 17Page - STMicroelectronics STV2310 Datasheet HTML 18Page - STMicroelectronics STV2310 Datasheet HTML 19Page - STMicroelectronics STV2310 Datasheet HTML 20Page - STMicroelectronics STV2310 Datasheet HTML 21Page - STMicroelectronics STV2310 Datasheet HTML 22Page - STMicroelectronics STV2310 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 112 page
background image
19/112
STV2310
Functional Description
The practical value of the 4 x fSC frequency depends on the actual input TV standard.
4.4
Luminance and Chrominance Separation
4.4.1
General Description
The Y/C Separator separates the chrominance (C) component from the composite signal which
also includes the luminance (Y), synchronization and color burst (subcarrier) components. In
normal operation (NTSC and PAL standards), this is done through comb or notch filtering which
relies on the correlation of consecutive lines. For SECAM inputs, a Chroma Bandpass/Trap filter
system is required. If an S-Video input is selected, Y/C separation is not required and the Y/C
Separator operates in Bypass mode. Y/C delay adjustment can be done with both pixel and sub-
pixel accuracy.
4.4.2
Programming
Once the samples processed by the input SRC have been stored in RAM, the type of input signal
(Y/C or CVBS) must be specified before the chroma component can be separated from the CVBS
input signal. This is done by setting the SVIDEOSEL bit in the DDECCONT0 register.
The Y/C separator block can either operate in auto-adaptive mode (Default mode) or Forced
Separation mode (notch). This operating mode is selected by the COMB_MODE bit in the
DDECCONT18 register:
● Chroma Bandpass/Trap filtering is forced
● Adaptative Comb Filtering mode is forced. (This applies to PAL/NTSC signals only. SECAM
signals remain processed by Chroma Bandpass/Trap filter)
The notch filter width used in the Y/C separation can be adjusted from narrow to wide by the
BW_SEL[2:0] bits in the DDECCONT18 register. Luma Chroma delay can be adjusted by the
DEM_YC_DELAY[3:0] bits in the DDECCONT15 register and DDECCONT1A register, bit [5:0].
Figure 10: SECAM Trap Filter Frequency Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com