Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV2310 Datasheet(PDF) 76 Page - STMicroelectronics

Part # STV2310
Description  Multistandard TV Digital Video Decoder with Adaptive Comb Filter and RGB/YCrCb Input
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2310 Datasheet(HTML) 76 Page - STMicroelectronics

Back Button STV2310 Datasheet HTML 72Page - STMicroelectronics STV2310 Datasheet HTML 73Page - STMicroelectronics STV2310 Datasheet HTML 74Page - STMicroelectronics STV2310 Datasheet HTML 75Page - STMicroelectronics STV2310 Datasheet HTML 76Page - STMicroelectronics STV2310 Datasheet HTML 77Page - STMicroelectronics STV2310 Datasheet HTML 78Page - STMicroelectronics STV2310 Datasheet HTML 79Page - STMicroelectronics STV2310 Datasheet HTML 80Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 112 page
background image
Register List
STV2310
76/112
DDECCONT23
Register Description
DDECCONT24
Register Description
DDECCONT25
Register Description
HSYNCSHIFT_D
EL[1:0]
This register allows a programmable delay of HSYNC output signal. This register is only active when
o_hsyncshift_en is active (see register DDECCONT22[0]).
00: (no details yet)
HSYNCSHIFT_E
N
Output Synchronisation shift enable
0: No delay (Default)
1: HSYNC is delayed with respect to the digital ouput.
Note that this feature has not been decided yet.
Address (hex): 23h
Reset Value (bin): 1010 1010
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Bit Name
Function
Bits [7:4]
Reserved. Must be set to 1010.
Bits [3:0]
Reserved. Must be set to 1010.
Address (hex): 24h
Reset Value (bin): 1000 0111
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
MAX_PJ_AMP[3:0]
ERR_THRESHOLD[2:0]
PJ_EN
Bit Name
Function
Bits [7:4]
Reserved. Must be set to 1000.
Bits [3:1]
Reserved. Must be set to 011.
Bit 0
Reserved. Must be set to 1.
Address (hex): 25h
Reset Value (bin): 1001 0100
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
HSYNC_
SAV
NOISE_THRESHOLD[2:0]
Bit Name
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com