Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV2310 Datasheet(PDF) 16 Page - STMicroelectronics

Part # STV2310
Description  Multistandard TV Digital Video Decoder with Adaptive Comb Filter and RGB/YCrCb Input
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2310 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STV2310 Datasheet HTML 12Page - STMicroelectronics STV2310 Datasheet HTML 13Page - STMicroelectronics STV2310 Datasheet HTML 14Page - STMicroelectronics STV2310 Datasheet HTML 15Page - STMicroelectronics STV2310 Datasheet HTML 16Page - STMicroelectronics STV2310 Datasheet HTML 17Page - STMicroelectronics STV2310 Datasheet HTML 18Page - STMicroelectronics STV2310 Datasheet HTML 19Page - STMicroelectronics STV2310 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 112 page
background image
Functional Description
STV2310
16/112
Analog R_PR, G and B_PB signals are clamped to the black level during the back porch period.
These signals are digitized by a triple 8-bit A/D converter. It is recommended that an external anti-
aliasing filter be added before each channel input.
The analog insertion (Fast Blanking) signal is sliced and sent to a shaper, controlling the soft
switching between the analog R, G and B signals and the decoded main picture CVBS stream.
All reference voltages required by the A/D Converter are internally generated. Only two pairs of
reference levels, REFP and REFM must be decoupled externally (REFP_CVBS and REFM_CVBS,
REFP_RGB and REFM_RGB ).
4.1.2
Programming
The channel for the desired CVBS signal source is selected by the CVBSMUX bit in the
DDECCONT0 register. The AGC and clamp mechanisms are described in Section 4.2.
4.2
Synchronization and Monitoring Unit
4.2.1
General Description
The STV2310 system clock sampling frequency is provided by a free-running embedded crystal
oscillator or an external clock generator. The nominal value of this sampling frequency is 27 MHz
and is independent of any input TV standard.
Synchronization data (horizontal and vertical sync signals) is extracted from the video signal. After
a low pass stage removing all high frequency information and noise, the video signal is sent to a
synchronization slicer. Then the horizontal and vertical pulses are separated to generate the Hsync
and Vsync pulses. The extracted Hsync pulses are sent to the horizontal PLL (HPLL) in order to
filter the jitter. The HPLL has an adaptive time constant with noise level and other operating
conditions. It provides an easy lock even in difficult conditions and performs the skew extraction.
Using this data, skew correction on the data stream is performed by the output scaler. This PLL can
hold a frequency range of
±8% of the H frequency. A second PLL, associated with the output FIFO,
is used to perform the line-locked clock generation from which the output HSYNC and VSYNC
pulses are obtained by synchronous division.
A vertical sync processor is used to generate the output Vsync pulse, synchronous to the incoming
CVBS signal. This processor is able to automatically detect 50 Hz/60 Hz standards. In the event of
missing pulses, the Vsync processor replaces the missing pulse by inserting a V-pulse at the end of
the 50 Hz or 60 Hz windows.
If an input video signal (CVBS or S-Video) is not detected, the sync processor operates in Free-
running mode.
Figure 8: Anti-Aliasing FIlter for R_PR, G and B_PB Input Signals
G
B_PB
R_PR
22 nF
R/Cr
G
B/Cb



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com