Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV2310 Datasheet(PDF) 46 Page - STMicroelectronics

Part # STV2310
Description  Multistandard TV Digital Video Decoder with Adaptive Comb Filter and RGB/YCrCb Input
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2310 Datasheet(HTML) 46 Page - STMicroelectronics

Back Button STV2310 Datasheet HTML 42Page - STMicroelectronics STV2310 Datasheet HTML 43Page - STMicroelectronics STV2310 Datasheet HTML 44Page - STMicroelectronics STV2310 Datasheet HTML 45Page - STMicroelectronics STV2310 Datasheet HTML 46Page - STMicroelectronics STV2310 Datasheet HTML 47Page - STMicroelectronics STV2310 Datasheet HTML 48Page - STMicroelectronics STV2310 Datasheet HTML 49Page - STMicroelectronics STV2310 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 112 page
background image
Functional Description
STV2310
46/112
In both cases, two filler bytes are added immediately after the last meaningful User Data Word in
order to maintain a Data Count value that is a multiple of 4 bytes.
All UDW bytes are coded according to the parity protection scheme defined in SMPTE 291M or
ITU-R BT.1364 specifications, as applied to 8-bit coded data (i.e. bit 6 is the even parity check of
bits 0 to 5 and bit 7 is bit 6 complement to1).
Note:
“FIL1” and “FIL2” stand for Filler Bytes 1 and 2.
Page Byte
Coding
Bit 6
1’s complement
Even parity
check for bits
[5:0]
Always 0
Page value
Table 17: UDW Coding for WST
Frame Code
ADF
DID
SDID
DC
MAG PAGE
Other
UDW
Bytes
FIL1
FIL2
CS
WST - 625 lines/50 Hz
27h
Byte.count
3
1
1
1
1
1
80
1
1
1
WST - 625 lines/50 Hz
xxh
Byte.count
3
1
1
1
0
0
84
0
0
1
WST - 525 lines/60 Hz
27h
Byte.count
3
1
1
1
1
1
64
1
1
1
WST - 525 lines/60 Hz
xxh
Byte.count
3
1
1
1
0
0
68
0
0
1
Table 18: UDW Byte Contents
Byt
e
625 lines / 50 Hz
Content
(Framing = 27h)
625 lines / 50 Hz
Content
(Custom Framing)
Byt
e
525 lines / 60 Hz
Content
(Framing = 27h)
525 lines / 60 Hz
Content
(Custom Framing)
1
Decoded Magazine value
LSB of Raw sliced 1st
byte
1
Decoded Magazine value
LSB of Raw sliced 1st byte
2
Decoded Page value
MSB of Raw sliced 1st
byte
2
Decoded Page value
MSB of Raw sliced 1st
byte
3
LSB of 1st data byte
LSB of Raw sliced 2nd
byte
3
LSB of 1st data byte
LSB of Raw sliced 2nd
byte
4
MSB of 1st data byte
MSB of Raw sliced 2nd
byte
4
MSB of 1st data byte
MSB of Raw sliced 2nd
byte
5
LSB of 2nd data byte
LSB of Next raw byte
5
LSB of 2nd data byte
LSB of Next raw byte
6
MSB of 2nd data byte
MSB of Next raw byte
6
MSB of 2nd data byte
MSB of Next raw byte
……
…
…
…
…
……
…
67
LSB of 32nd data byte
LSB of Last raw byte
83
LSB of 40th data byte
LSB of Last raw byte
68
MSB of 32nd data byte
MSB of Last raw byte
84
MSB of 40th data byte
MSB of Last raw byte
…
…
…
Table 16: Magazine and Page Coding
Bit
7
6
5432
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com