Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV2310 Datasheet(PDF) 55 Page - STMicroelectronics

Part # STV2310
Description  Multistandard TV Digital Video Decoder with Adaptive Comb Filter and RGB/YCrCb Input
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2310 Datasheet(HTML) 55 Page - STMicroelectronics

Back Button STV2310 Datasheet HTML 51Page - STMicroelectronics STV2310 Datasheet HTML 52Page - STMicroelectronics STV2310 Datasheet HTML 53Page - STMicroelectronics STV2310 Datasheet HTML 54Page - STMicroelectronics STV2310 Datasheet HTML 55Page - STMicroelectronics STV2310 Datasheet HTML 56Page - STMicroelectronics STV2310 Datasheet HTML 57Page - STMicroelectronics STV2310 Datasheet HTML 58Page - STMicroelectronics STV2310 Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 112 page
background image
55/112
STV2310
Register List
DDECCONT1
3
13h
0000 0000
DDECCONT1
4
14h
0000 0000
DDECCONT1
5
15h
0001 0000
DEM_YC_DELAY[3:0]
DDECCONT1
6
16h
0111 1010
SATLMTLN[1:0]
SATLMTPT[1:0]
SMHITH[1:0]
ACTITH[1:0]
DDECCONT1
7
17h
0110 0100
STI_50_60
HZ_EN
STI_NB_FIELDS_CONFIRM[2:0]
SPC_OVE
RLOAD_O
FF
SPC_ACC
_OFF
DDECCONT1
8
18h
0101 1001
BW_SEL[2:0]
NONINTE
RLACED_
EN
SATCODE
_EN
COMB_MO
DE[1:0]
DDECCONT1
9
19h
0100 0100
DDECCONT1
A
1Ah
0010 0000
DDECCONT1
B
1Bh
1000 0100
DDECCONT1
C
1Ch
1000 0100
DDECCONT1
D
1Dh
1000 1000
DDECCONT1
E
1Eh
1001 1001
DDECCONT1
F
1Fh
0001 1000
DIRECTPA
RITY
DDECCONT2
0
20h
0000 0100
DDECCONT2
1
21h
0010 1011
BLKLINE[1:0]
DDECCONT2
2
22h
1110 1000
HTIMECST
SEL
HSYNCSHIFT_DEL[1:0] HSYNCSHI
FT_EN
DDECCONT2
3
23h
1010 1010
DDECCONT2
4
24h
1000 0111
DDECCONT2
5
25h
1001 0100
HSYNC_
SAV
NOISE_THRESHOLD[2:0]
Name
Add.
(h)
Reset Value
(Bin)
Register Function and Description
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com