Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV2310 Datasheet(PDF) 21 Page - STMicroelectronics

Part # STV2310
Description  Multistandard TV Digital Video Decoder with Adaptive Comb Filter and RGB/YCrCb Input
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2310 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STV2310 Datasheet HTML 17Page - STMicroelectronics STV2310 Datasheet HTML 18Page - STMicroelectronics STV2310 Datasheet HTML 19Page - STMicroelectronics STV2310 Datasheet HTML 20Page - STMicroelectronics STV2310 Datasheet HTML 21Page - STMicroelectronics STV2310 Datasheet HTML 22Page - STMicroelectronics STV2310 Datasheet HTML 23Page - STMicroelectronics STV2310 Datasheet HTML 24Page - STMicroelectronics STV2310 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 112 page
background image
21/112
STV2310
Functional Description
4.5
Standard Research Sequence Programming
The chroma signal is sent to the Standard Identifier and Chroma Demodulator. The Standard
Identifier performs an automatic recognition sequence for one of the following standards.
Note 1: Codes 110 and 111 are associated with “No Standard”.
From this list of possible standards, the user must complete the Automatic Standard Recognition
table required for the automatic search. Identification will be restricted to the table entries and the
first entry will be tried first. Entering code 110 or 111 in the Automatic Standard Recognition table
terminates the standard sequence search. It is possible to enter several times the same code. The
Automatic Standard Recognition table and its default values are presented in Table 7.
If the default values are used, code 111 (no standard) is the fourth entry and the standard
identification will be restricted to the first three standards (in order PAL BGDHI, SECAM and
NTSC M).
Each standard recognition trial period lasts 2 fields. All trials corresponding to table entries are
performed. The identification decision is based on the results of the trials and a single table entry
Table 6: TV Standards
Chroma Standard
Subcarrier Frequency
Standard Code
PAL B,D,G,H,I
4.4336 MHz
000
SECAM
4.406 MHz (foR)
4.250 MHz (foB)
001
NTSC M
3.5795 MHz
010
PAL M
3.5756 MHz
011
PAL N
3.5820 MHz
100
NTSC 4.43
4.4336 MHz
101
No Standard1
n/a
110
No Standard1
n/a
111
Table 7: Automatic Standard Recognition Table
Standard
Entries
Code
(Default values)
Register
Standard 1
000
DDECCONT4[5:0]
Standard 2
001
Standard 3
010
DDECCONT3[5:0]
Standard 4
111
Standard 5
001
DDECCONT2[5:0]
Standard 6
001
Standard 7
111
DDECCONT1[5:0]
Standard 8
111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com