Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV2310 Datasheet(PDF) 28 Page - STMicroelectronics

Part # STV2310
Description  Multistandard TV Digital Video Decoder with Adaptive Comb Filter and RGB/YCrCb Input
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2310 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button STV2310 Datasheet HTML 24Page - STMicroelectronics STV2310 Datasheet HTML 25Page - STMicroelectronics STV2310 Datasheet HTML 26Page - STMicroelectronics STV2310 Datasheet HTML 27Page - STMicroelectronics STV2310 Datasheet HTML 28Page - STMicroelectronics STV2310 Datasheet HTML 29Page - STMicroelectronics STV2310 Datasheet HTML 30Page - STMicroelectronics STV2310 Datasheet HTML 31Page - STMicroelectronics STV2310 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 112 page
background image
Functional Description
STV2310
28/112
mechanism measures the chroma signal during the video line in order to compute the correcting
scale factor.
4.10.2 Programming
To enable the CrCb overload mechanism, set the CRCBOVER_EN bit in the DDECCONTB register.
The automatic gain for the RGB is set in the DDECCONT35 register.
4.11
Analog YCrCb Mode
4.11.1 General Description
The STV2310 can be programmed in Analog YCrCb mode. This mode has specific input
connections:
● the Y analog input signal must be connected to the CVBS1_Y (or CVBS2_Y) pin
● the Cr and Cb analog input signals must be connected to the R_CR and B_CB input pins
(respectively).
A ±20 degree Tint Control mechanism is available to compensate for incorrect hue levels on the
input signals. When the Analog YCrCb mode is programmed, the various clamp circuits are
modified accordingly.
Note:
The Fast Blanking (FB) signal is not relevant in Analog YCrCb mode. This mode is a full-page
display mode.
4.11.2 Programming
The YCrCb Tint Angle Correction values are programmed in the TINTANGLE[4:0] bits in the
DDECCONT12 register. The tint angle is coded from -20° to +20° in steps of 1.33°. These bits are
coded in 2's complement. The default value is 0 (no correction).
Figure 17: RGB Capture and Mixing with Main Picture
R Clamp
G Clamp
B Clamp
Soft
Y
Cr
Cb
R
G
B
FB
Main Picture
(YCrCb)
A/D
Converter
Conversion
Matrix
4:2:2
Formatting
and
Processing
Mixer
8-bit
6-bit
Interpolator
Y
Cr
Cb



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com