Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV2310 Datasheet(PDF) 61 Page - STMicroelectronics

Part # STV2310
Description  Multistandard TV Digital Video Decoder with Adaptive Comb Filter and RGB/YCrCb Input
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2310 Datasheet(HTML) 61 Page - STMicroelectronics

Back Button STV2310 Datasheet HTML 57Page - STMicroelectronics STV2310 Datasheet HTML 58Page - STMicroelectronics STV2310 Datasheet HTML 59Page - STMicroelectronics STV2310 Datasheet HTML 60Page - STMicroelectronics STV2310 Datasheet HTML 61Page - STMicroelectronics STV2310 Datasheet HTML 62Page - STMicroelectronics STV2310 Datasheet HTML 63Page - STMicroelectronics STV2310 Datasheet HTML 64Page - STMicroelectronics STV2310 Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 112 page
background image
61/112
STV2310
Register List
DDECCONT3
Register Description
DDECCONT4
Register Description
DDECCONT5
Register Description
Address (hex): 03h
Reset Value (bin): 0001 0111
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
AUTOSTD[17:12]
Bit Name
Function
Bits[7:6]
Reserved: Must be set to 0.
AUTOSTD[17:12]
Auto Identification Table (Third and Fourth Standards)
Third and Fourth Standards of the Automatic Standard Identification Table. See register
DDECCONT1.
010 111: NTSC M and No Standard (Default)
Address (hex): 04h
Reset Value (bin): 0000 0001
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
AUTOSTD[23:18]
Bit Name
Function
Bits[7:6]
Reserved: must be set to 0.
AUTOSTD[23:18]
Auto Identification Table (First and Second Standards)
First and Second Standards of the Automatic Standard Identification Table. See register
DDECCONT1.
000 001: PAL BGDHI and SECAM (Default)
Address (hex): 05h
Reset Value (bin): 0010 0000
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
SECAM_CHRTUNING[1:0]
CRCBOVER
_EN
FBLANKMODE[2:0]
YCRCB_
MODE
PHSHFT_DIS
Bit Name
Function
SECAM_CHRTU
NING[1:0]
Reserved: must be set to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com