Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV2310 Datasheet(PDF) 43 Page - STMicroelectronics

Part # STV2310
Description  Multistandard TV Digital Video Decoder with Adaptive Comb Filter and RGB/YCrCb Input
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2310 Datasheet(HTML) 43 Page - STMicroelectronics

Back Button STV2310 Datasheet HTML 39Page - STMicroelectronics STV2310 Datasheet HTML 40Page - STMicroelectronics STV2310 Datasheet HTML 41Page - STMicroelectronics STV2310 Datasheet HTML 42Page - STMicroelectronics STV2310 Datasheet HTML 43Page - STMicroelectronics STV2310 Datasheet HTML 44Page - STMicroelectronics STV2310 Datasheet HTML 45Page - STMicroelectronics STV2310 Datasheet HTML 46Page - STMicroelectronics STV2310 Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 112 page
background image
43/112
STV2310
Functional Description
● Generation of Per-byte Parity check flags.
4.13.1.5 Gemstar Features
● Search of Gemstar data during the line 21 (NTSC) or line 22 (PAL), regardless of the field
information.
● Optional Extended slicing during all the VBI (line 5 to 25 /NTSC or 2 to 25 /PAL), regardless of
the field information.
● Recognition and check of usual Gemstar Frame code (x011x1x1b)
● Recognition and check of tighter Gemstar Frame code (10110111b)
4.13.2 Data Output Format (DOF)
The Data Output Format stage will add the following data items to those received from the VBI
Formatting unit:
● An ancillary preamble
● A User Data Word Count
● Filler Words
● A User Data Word checksum
It will then perform the following operations:
● Byte-to-nibble Data conversion operations
● Calculation of word-wise parity control bits
● User Data Word checksum calculation
The data output flow issued by the Data Output Format is inserted into an ITU-R BT.656-type
digitized stream which complies with specifications ITU-R BT.656, ITU-R BT.1364 and SMPTE
291M.
In particular, the data flow follows the 8-bit data coding convention. Ancillary data is coded as “Type
2" 8-bit data items (as defined in both ITU.1364 and SMPTE 291M specifications).
A maximum of 100 bytes are used in the Blanking Interval for ancillary data. For more information,
refer to Table 12: Frame Output Standards.
The Data Output Format unit provides the following data on a TV line base:
● The Transport layer which consists of the Ancillary Data Flag (ADF), Data ID (DID), Secondary
Data ID (SDID), Data Count (DC) and Checksum Word (CS).
● The entire data flow generated by the Hardware Filtering, after having split each byte into
nibble format.
● The current TV Line value, from which the data was extracted.
EAV
Blanking Interval
SAV
Video Digitalized Stream



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com