Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV2310 Datasheet(PDF) 40 Page - STMicroelectronics

Part # STV2310
Description  Multistandard TV Digital Video Decoder with Adaptive Comb Filter and RGB/YCrCb Input
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2310 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button STV2310 Datasheet HTML 36Page - STMicroelectronics STV2310 Datasheet HTML 37Page - STMicroelectronics STV2310 Datasheet HTML 38Page - STMicroelectronics STV2310 Datasheet HTML 39Page - STMicroelectronics STV2310 Datasheet HTML 40Page - STMicroelectronics STV2310 Datasheet HTML 41Page - STMicroelectronics STV2310 Datasheet HTML 42Page - STMicroelectronics STV2310 Datasheet HTML 43Page - STMicroelectronics STV2310 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 112 page
background image
Functional Description
STV2310
40/112
The ancillary data is always inserted between the EAV and SAV codes of each line.
The line number is provided by the VBI slicer.VBI data is inserted on the next possible output line.
The only lines where insertion cannot take place are the forbidden lines. The list of forbidden lines
depend on the standard:
● for the 525 lines (60 Hz): 9,10,11,272,273,274
● for the 625 lines (50 Hz): 5,6,7,318,319,320
Ancillary data is inserted starting just after the EAV code. Ancillary data will replace the blanking
data codes. Ancillary data is inserted in the same order as it is received from the VBI slicer.
VBI data belonging to the same line at reception is inserted in a single line.The maximum number of
ancillary data bytes to be inserted is 84.
4.12.4 Line-Locked Output Pixel Clock Generation
A phase-locked loop (PLL) generates a clock signal (CLK_DATA) that is used to read the output
FIFO and to output the YCrCb data in synchronization. This output pixel clock frequency is a
multiple of the input line frequency. Its value (1716, 1728, 1560 or 1888) depends on the input TV
standard and the programmable Normal Pixel or Square Pixel mode.
Note that phase jumps detected in the input video are replicated in the output PLL. This is
equivalent to a temporary change of the number of samples per line, but no change in the output
clock frequency. This feature can be disabled. In this case, the output PLL then corrects the input
phase step by frequency modulation.
4.12.5 Alternate Functions: Bus Extensions
Output data is issued synchronously to the CLK_DATA clock active edge. Either the rising or falling
edge of the CLK_DATA signal can be programmed as the active edge.
The following pins can be used for bus extension purposes as programmable output pins:
PLLLOCK, HSYNC, VSYNC and FIELD.
PLLLOCK has a second alternate function IRQ (Interrrupt Request). Interrupt can be generated by
several functions described in registers DDECCONT36 and DDECCONT3C.
4.12.6 Output Code Clipping
To allow compatibility with other devices, output codes can be clipped to remain inside 0 to 100% of
luminance (16 to 235) and chrominance (16 to 240) components.
4.12.7 Programming
The Vsync Insertion mode for the output flow is selected in the VSYNCTYPE bit in the
DDECCONT0 register.
The PHSHFT_DIS bit in the DDECCONT5 register is used to disable the phase jump mechanism in
the output PLL. By default, phase jumps are allowed when a phase shift in the video input is
transmitted in the data flow to the output PLL.
The active edge for the CLK_DATA signal is selected by the ACTEDGE bit in the DDECCONT0
register.
Data is output from the STV2310 on the FIELD, VSYNC, HSYNC, PLLLOCK and YCRCB[7:0] pins
which are synchronous to the CLK_DATA output clock on either the rising or falling edge
(depending on the selected option).
To force the Interlaced output mode, use the NONINTERLACED_EN bit in the DDECCONT18
register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com