Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV2310 Datasheet(PDF) 24 Page - STMicroelectronics

Part # STV2310
Description  Multistandard TV Digital Video Decoder with Adaptive Comb Filter and RGB/YCrCb Input
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2310 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button STV2310 Datasheet HTML 20Page - STMicroelectronics STV2310 Datasheet HTML 21Page - STMicroelectronics STV2310 Datasheet HTML 22Page - STMicroelectronics STV2310 Datasheet HTML 23Page - STMicroelectronics STV2310 Datasheet HTML 24Page - STMicroelectronics STV2310 Datasheet HTML 25Page - STMicroelectronics STV2310 Datasheet HTML 26Page - STMicroelectronics STV2310 Datasheet HTML 27Page - STMicroelectronics STV2310 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 112 page
background image
Functional Description
STV2310
24/112
4.8.2
Programming
Fast Blanking mode is selected by the FBLANKMODE[2:0] bits in the DDECCONT5 register.
Note:
The FBLANKMODE value is only applied when the STV2310 is not in Analog YCrCb mode
The soft mixing slope or the Alpha Blending value, depending on the Fast Blanking mode, is set in
the MIX_SLOPE[7:0] bits in the DDECCONT6 register. When the blanking mode is in Forced RGB
or Forced CVBS mode, this value is ignored.
When one of the Alpha Blending modes is used for mixing, the alpha value is set in the
MIX_SLOPE[7:0] bits.
When the STV2310 is in normal RGB and CVBS mixing mode, the MIX_SLOPE[3:0] bits indicate
the mixing slope (duration of mixing). The MIX_SLOPE[7:4] bits must be set to 0000. The
MIX_SLOPE[3:0] bits code the soft mixing slope from 0000 to 1111, with 0000 corresponding to a
slope of 1 clock cycle (virtual 4 x fSC clock domain) and 1111 corresponding to a transition from one
signal to the other spanned on 16 clock cycles.
4.9
Output Scaler and Format Converter
4.9.1
General Description
An Output Sample Rate Converter (OSRC) is used to transpose the subcarrier locked virtual clock
domain to the output sample rate domain. This converter is used to provide a fixed number of pixels
per active line (i.e. 720 for ITU-R BT.601 format) independently of the input video standard and line
length.
● Upsampling is required for zoom-in functions.
● Downsampling is required for zoom-out functions.
The Output Sample Rate Converter compensates for line length variations. At this level, a skew
correction is applied on each pixel in order to compensate for the shift of the asynchronous
acquisition with respect to the current line horizontal sync pulse. New sample rate and skew
correction factors are computed at every line, taking into account the line length variation.
The Output Sample Rate Converter is also used to perform an horizontal format conversion to
support zoom in/out functions. For linear scaling, the scaling factor can be programmed in linear
steps from 0.25 to 4. Non-linear scaling is also available for Panorama mode. Region borders are
fully programmable as well as the associated scaling factors (in the 0.25 to 4 range).
Table 9: Fast Blanking Modes
Bit Value
Mixing Mode
Description
00x
Normal Mixing mode
FB active during active line. Soft Mixing between 0 and 1. (Default mode)
01x
Dynamic Mixer mode
FB active and Soft Mixing from 0 to MIXSLOPE[7:0]
100
Static Mixer or Alpha
Blending 1 mode
FB inactive. YOUT = alpha x YCVBS + (1-alpha) x YRGB
with alpha = MIXSLOPE[7:0] (same for Cr and Cb signals)
101
Static Mixer or Alpha
Blending 2 mode
FB inactive. YOUT = alpha x YRGB + (1- alpha) x YCVBS
with alpha = MIXSLOPE[7:0] (same for Cr and Cb signals)
110
Forced CVBS mode
FB inactive. YOUT = YCVBS (same for Cr and Cb signals)
111
Forced RGB mode
FB inactive. YOUT = YRGB (same for Cr and Cb signals)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com