Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV2310 Datasheet(PDF) 64 Page - STMicroelectronics

Part # STV2310
Description  Multistandard TV Digital Video Decoder with Adaptive Comb Filter and RGB/YCrCb Input
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2310 Datasheet(HTML) 64 Page - STMicroelectronics

Back Button STV2310 Datasheet HTML 60Page - STMicroelectronics STV2310 Datasheet HTML 61Page - STMicroelectronics STV2310 Datasheet HTML 62Page - STMicroelectronics STV2310 Datasheet HTML 63Page - STMicroelectronics STV2310 Datasheet HTML 64Page - STMicroelectronics STV2310 Datasheet HTML 65Page - STMicroelectronics STV2310 Datasheet HTML 66Page - STMicroelectronics STV2310 Datasheet HTML 67Page - STMicroelectronics STV2310 Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 112 page
background image
Register List
STV2310
64/112
DDECCONT9
Register Description
DDECCONTA
Register Description
DDECCONTB
Register Description
Address (hex): 09h
Reset Value (bin): 0100 0000
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
ZOOMOUT_FACT[9:2]
Bit Name
Function
ZOOMOUT_
FACT [9:2]
Zoom-out Factor from 1 to 0.25 (MSBs)
The Zoom-out factor operates from 1 (no zoom) to 0.25 (large zoom). The Zoom-out factor must be
between 256 (x1) and 1023 (x0.25). The LSBs of this value are in the
DDECCONTB register.
3FFh: Zoom-out factor of 0.25 (Reduced picture)
100h: Zoom-out factor of 1.0 (No zoom) (Default value)
Address (hex): 0Ah
Reset Value (bin): 0000 0000
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
ZOOMIN_OFFSET[9:2]
Bit Name
Function
ZOOMIN_
OFFSET[9:2]
Zoom-in Offset (Cropping) (MSBs)
The Zoom-in offset determines the section of input line used for zooming in. The Zoom-in offset value must
be between 0 and the maximum number of Y pixels per line.
Note that the number of pixels per line will depend on the standard and the pixel mode.
Note that the Zoom-out factor is coded on 10 bits in 2 registers. The Default value is 0 = first left pixel of the
active line is the first pixel of zoom.
Address (hex): 0Bh
Reset Value (bin): 1100 0000
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
ZOOMIN_FACT[1:0]
ZOOMOUT_FACT[1:0]
ZOOMIN_OFFSET[1:0]
ZOOMOUT_
EN
ZOOMIN_EN
Bit Name
Function
ZOOMIN_FACT
[1:0]
Zoom-in Factor (LSBs). See register
DDECCONT8.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com