Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV2310 Datasheet(PDF) 26 Page - STMicroelectronics

Part # STV2310
Description  Multistandard TV Digital Video Decoder with Adaptive Comb Filter and RGB/YCrCb Input
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2310 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button STV2310 Datasheet HTML 22Page - STMicroelectronics STV2310 Datasheet HTML 23Page - STMicroelectronics STV2310 Datasheet HTML 24Page - STMicroelectronics STV2310 Datasheet HTML 25Page - STMicroelectronics STV2310 Datasheet HTML 26Page - STMicroelectronics STV2310 Datasheet HTML 27Page - STMicroelectronics STV2310 Datasheet HTML 28Page - STMicroelectronics STV2310 Datasheet HTML 29Page - STMicroelectronics STV2310 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 112 page
background image
Functional Description
STV2310
26/112
4.9.1.3 Zoom-Out Mode
In Zoom-Out mode, the entire input TV scan line is compressed to take only a part of the output line.
The active samples are positionned in the center of the output line and the rest of the line is blacked
out. The zoom-out factor ranges from 0.25 (large zoom) to 1 (no zoom).
4.9.1.4 Panorama Mode (Non-Linear Scaling)
To better display wider TV screen aspect ratios, Panorama mode applies a different zoom factor to
the center of the image in relation to the edges; i.e. a Non-Linear Scaling mode must be
implemented. This implies that the compression/expansion factor will vary on the edges and remain
stable at the center. Note in Figure 16 that the resulting TV image is symetrical (right and left edges
are equal).
4.9.2
Programming
4.9.2.1 Square Pixel Mode
Square Pixel mode is enabled by setting the PIXMODE bit in the DDECCONT0 register.
4.9.2.2 Zoom-In Mode
To enable Zoom-In mode, the ZOOMIN_EN bit in the DDECCONTB register must be set.
The zoom-in value must be between 256 and 1023. A value of 512 will zoom-in the picture by a
factor of 2.0; i.e. pixels are twice as large. The zoom-in factor is programmed in the
ZOOMIN_FACT[9:0] bits in the DDECCONT6 and DDECCONTB registers. The default value is 256
(No Zoom).
Figure 15: Zoom-Out Mode
Figure 16: Non-Linear Scaling
720 Samples (Y Normal Pixel Mode)
Black Level
Black Level
Input Line
Output Line
after zoom
Zoom Factor
1
Center
Left Edge
Right Edge
Horizontal Axis



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com