Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV2310 Datasheet(PDF) 65 Page - STMicroelectronics

Part # STV2310
Description  Multistandard TV Digital Video Decoder with Adaptive Comb Filter and RGB/YCrCb Input
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2310 Datasheet(HTML) 65 Page - STMicroelectronics

Back Button STV2310 Datasheet HTML 61Page - STMicroelectronics STV2310 Datasheet HTML 62Page - STMicroelectronics STV2310 Datasheet HTML 63Page - STMicroelectronics STV2310 Datasheet HTML 64Page - STMicroelectronics STV2310 Datasheet HTML 65Page - STMicroelectronics STV2310 Datasheet HTML 66Page - STMicroelectronics STV2310 Datasheet HTML 67Page - STMicroelectronics STV2310 Datasheet HTML 68Page - STMicroelectronics STV2310 Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 112 page
background image
65/112
STV2310
Register List
DDECCONTC
Register Description
ZOOMOUT_FAC
T
[1:0]
Zoom-out Factor (LSBs). See register
DDECCONT9.
ZOOMIN_OFFSE
T[1:0]
Zoom-in Offset (LSBs). See register
DDECCONTA.
ZOOMOUT_EN
Zoom-out Function Enable
When both Zoom-in and Zoom-out functions are enabled, the STV2310 is in Panorama mode. In Panorama
mode, the ZOOMIN_FACT, the ZOOMOUT_FACT and the ZOOMIN_OFFSET are used. The
ZOOMIN_FACT determines the zoom-in factor at the left and right edges of the picture. The
ZOOMOUT_FACT determines the zoom-out factor at the center of the picture. The ZOOMIN_OFFSET
determines the border width where the zoom factor increases from the zoom-in factor to the zoom-out
factor, starting from the left edge (respectively, the border width finishing on the right edge where the zoom
factor decreases from the zoom-out factor to the zoom-in factor).
Correct programming is left to the user without hardware check. For programming verification, the following
formula must be checked: Zt x (Zout - Zin) = N x (Zout -1)
where Zin = ZOOMIN_FACT; Zout = ZOOMOUT_FACT; Zt = ZOOMIN_OFFSET; N = Number of Y pixels
per line (720 in Normal Pixel mode, 640 or 768 in Square Pixel mode)
0: Zoom-out function is disabled. (Default)
1: Zoom-out function is enabled.
ZOOMIN_EN
Zoom-in Function Enable
0: Zoom-in function is disabled. (Default)
1: Zoom-in function is enabled.
Address (hex): 0Ch
Reset Value (bin): 0000 0000
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
SPC_CORING[1:0]
ALL_NTSC_HUE_VALUE[5:0]
Bit Name
Function
SPC_CORING
[1:0]
Coring Function for all standards
The Coring function is operational for all standards. When activated, the demodulated color components (Cr
and Cb) close to 128 are replaced by 128.
00: No action. (Default)
01: 127 to 129 rounded to 128 (dynamic range of ± 1 LSB)
10: 125 to 131 rounded to 128 (dynamic range of ± 3 LSBs)
11: 123 to 133 rounded to 128 (dynamic range of ± 5 LSBs)
ALL_NTSC_HUE
_VALUE[5:0]
NTSC Hue Control Function
The Hue Control mechanism is only operational when the NTSC or NTSC M standard has been detected
(or being tried by the standard identification algorithm). The hue is a fixed offset in a demodulation angle.
The offset is only operational in the active line. There are 63 steps of approximately 1.4 degrees each,
allowing an offset of between -45° and +43.6°.
Coded in 2’s complement (0 = No Hue)
Bit Name
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com