Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV2310 Datasheet(PDF) 63 Page - STMicroelectronics

Part # STV2310
Description  Multistandard TV Digital Video Decoder with Adaptive Comb Filter and RGB/YCrCb Input
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2310 Datasheet(HTML) 63 Page - STMicroelectronics

Back Button STV2310 Datasheet HTML 59Page - STMicroelectronics STV2310 Datasheet HTML 60Page - STMicroelectronics STV2310 Datasheet HTML 61Page - STMicroelectronics STV2310 Datasheet HTML 62Page - STMicroelectronics STV2310 Datasheet HTML 63Page - STMicroelectronics STV2310 Datasheet HTML 64Page - STMicroelectronics STV2310 Datasheet HTML 65Page - STMicroelectronics STV2310 Datasheet HTML 66Page - STMicroelectronics STV2310 Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 112 page
background image
63/112
STV2310
Register List
DDECCONT7
Register Description
DDECCONT8
Register Description
Bit Name
Function
MIX_SLOPE[7:0]
Soft Mixing Slope, Alpha Blending or Saturated Value
This bitfield provides the soft mixing slope or the alpha blending value depending on Fast Blanking mode.
When the blanking mode is in Forced RGB or Forced CVBS mode, this bitfield is irrelevant.
When the blanking mode is in one of the alpha blending modes, the MIX_SLOPE[7:0] register provides the
alpha value (an FF entry means full scale).
When the blanking mode is in the normal mixing mode between RGB and CVBS, the MIX_SLOPE[1:0] bits
indicate the mixing slope. The MIX_SLOPE[7:2] bits must be set to 000000.
The MIX_SLOPE[1:0] register codes the soft mixing slope from 00 to 11 with 00 corresponding to a slope of
1 clock cycle (4 x fSC clock domain) and 11 corresponding to a slope of 4 clock cycles.
The default entry is 01, corresponding to a slope of 2 clock cycles.
Address (hex): 07h
Reset Value (bin): 0000 0000
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
OUTBUS[7:0]
Bit Name
Function
OUTBUS[7:2]
Alternative values driven by OUTBUS
The OUTBUS[7:2] bits are linked to the HSYNC, VSYNC and FIELD pad control.
When OUTBUS[2] = 0: standard function on HSYNC; when = 1: HSYNC = OUTBUS[3]
When OUTBUS[4] = 0: standard function on VSYNC; when = 1: VSYNC = OUTBUS[5]
When OUTBUS[6] = 0: standard function on FIELD; when = 1: FIELD = OUTBUS[7]
OUTBUS[1:0]
Alternative values driven by OUTBUS
The OUTBUS[1:0] bits are linked to the PLLLOCK pad control.
When OUTBUS[0] = 0: standard function; when = 1: PLLLOCK = OUTBUS[1]
Address (hex): 08h
Reset Value (bin): 1111 1111
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
ZOOMIN_FACT[9:2]
Bit Name
Function
ZOOMIN_FACT
[9:2]
Zoom-in Factor from 1 to 4 (MSBs)
The Zoom-in factor operates from 4 to 1 (No zoom). The LSBs of this value are in the
DDECCONTB
register. This value must be between 256 (x4) and 1023 (x1).
3FFh: Zoom-in factor of 1 (No zoom) (Default value)
200h: Zoom-in factor of 2
100h: Zoom-in factor of 4 (Enlarged picture)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com