Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV2310 Datasheet(PDF) 27 Page - STMicroelectronics

Part # STV2310
Description  Multistandard TV Digital Video Decoder with Adaptive Comb Filter and RGB/YCrCb Input
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2310 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button STV2310 Datasheet HTML 23Page - STMicroelectronics STV2310 Datasheet HTML 24Page - STMicroelectronics STV2310 Datasheet HTML 25Page - STMicroelectronics STV2310 Datasheet HTML 26Page - STMicroelectronics STV2310 Datasheet HTML 27Page - STMicroelectronics STV2310 Datasheet HTML 28Page - STMicroelectronics STV2310 Datasheet HTML 29Page - STMicroelectronics STV2310 Datasheet HTML 30Page - STMicroelectronics STV2310 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 112 page
background image
27/112
STV2310
Functional Description
The position where the zoom-in operation starts is programmed in the ZOOMIN_OFFSET[9:0] bits
in the DDECCONTA and DDECCONTB registers. If the value is 0, the zoom-in starts at the
beginning of the TV scan line (first left pixel). The number of pixels per line is based on the vertical
frequency and the pixel mode. For more information, refer to Table 10. The default value is 0; i.e. the
first left pixel of the active line is the first pixel of zoom.
4.9.2.3 Zoom-Out Mode
To enable Zoom-Out mode, the ZOOMOUT_EN bit in the DDECCONTB register must be set.
The zoom-out value must be between 256 and 1023. A value of 512 will zoom-out the picture by a
factor of 0.5; i.e. pixels are twice as small. The zoom-out factor is programmed in the
ZOOMOUT_FACT[9:0] bits in the DDECCONT9 and DDECCONTB registers.
4.9.2.4 Panorama Mode
Panorama mode is enabled when both the ZOOMIN_EN bit in the DDECCONTB register and the
ZOOMOUT_EN bit in the DDECCONTB register are set to 1.
In Panorama mode, the ZOOMIN_FACT, the ZOOMOUT_FACT and the ZOOMIN_OFFSET values
are used (see Figure 16).
● The ZOOMIN_FACT bits determine the zoom-in factor at the left and right edges of the picture
● The ZOOMOUT_FACT bits determine the zoom-out factor at the center of the picture
● The ZOOMIN_OFFSET bits determine the border width where the zoom factor increases from
the zoom-in factor to the zoom-out factor, starting from the left edge (resp. the border width
finishing on the right edge where the zoom factor decreases from the zoom-out factor to the
zoom-in factor)
For correct programming the following formula must be checked:
Zt x (Zout - Zin) = N x (Zout -1)
where Zin = ZOOMIN_FACT ; Zout = ZOOMOUT_FACT ; Zt = ZOOMIN_OFFSET ; N number of Y
pixels per line (720 in Normal Pixel mode, 640 or 768 in Square Pixel mode).
4.10
RGB Insertion
4.10.1 General Description
The RGB signals are captured by three 8-bit A/D converters and should be synchronous to the
selected CVBS or Y/C sources. The RGB signals are also adjusted in the analog domain by clamp
circuits used for sourcing and sinking charges on the front end capacitor.
A digital adjustable gain can be applied to the RGB data flow, in order to adapt to the CVBS
dynamic range.
The RGB signals are YCrCb formatted and mixed with the YCrCb signals from the main picture.
Soft mixing is driven by the FB signal. The rising and falling edges of the FB signal are measured
with subpixel accuracy to perform correct insertion. (For more information, refer to Section 4.8: Soft
Mixer on page 23).
The RGB insertion block also provides a Cr Cb overload mechanism. This mechanism is used to
avoid clipping YCrCb signals (i.e when the input RGB signals are too large). The Cr Cb overload



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com