Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV2310 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STV2310
Description  Multistandard TV Digital Video Decoder with Adaptive Comb Filter and RGB/YCrCb Input
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2310 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STV2310 Datasheet HTML 4Page - STMicroelectronics STV2310 Datasheet HTML 5Page - STMicroelectronics STV2310 Datasheet HTML 6Page - STMicroelectronics STV2310 Datasheet HTML 7Page - STMicroelectronics STV2310 Datasheet HTML 8Page - STMicroelectronics STV2310 Datasheet HTML 9Page - STMicroelectronics STV2310 Datasheet HTML 10Page - STMicroelectronics STV2310 Datasheet HTML 11Page - STMicroelectronics STV2310 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 112 page
background image
General Description
STV2310
8/112
Figure 3: Application Block Diagram
28
63
2
3
47
51
52
53
46
48
10
9
CVBS1/Y
CVBS2/Y
C
ADC
ADC
FB
3.3 V
60
59
33
58
150
Ω
4
5
7
8
14
15
3.3 VANA
17
18
24
23
3.3 VOUT
27
26
25
22
21
20
19
Y Cr Cb Output
34
35
HSYNC
VSYNC
FIELD
31
29
30
1.8 VOUT
44
42
41
43
6
Time
VREF
Digital Core
Chroma/Luma
Processing
470
Ω
SCL
SDA
Data Formatting
Synchronization and Monitoring
NRESET
CLK_DATA
32
PLLLOCK
37
TST_MODE
CLKXTM
CLKSEL
11
12
1.8 VANA
1
64
1.8 VANA
62
61
57
56
3.3 VANA
54
55
1.8 VANA
3.3 VANA
40
45
SHIELD
13
16
I2CADD*
Base
ADC
VBI
Data Slicer
36
38
27 MHz
* Possible alternate I²C address. See
Section 5.1: Register Map on page 54.
49
50
1.8 VANA
10
8
8
8
8
Digital Core
R_CR
B_CB
G
Optional
1.8 VANA
1.8 VANA
1.8 VANA
1.8 VANA
1.8 VANA
39
NC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com